Electronic Components Datasheet Search
  English  ▼

X  

TDA2030 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # TDA2030
Description  14W HI-FI AUDIO AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDA2030 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TDA2030 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 8Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 9Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 10Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 11Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 12Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 13Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TDA2030A
LINEAR INTEGRATED CIRCUIT
13
It is essential to take into account all the working conditions, in particular mains fluctuations and supply voltage
variations with and without load. The TDA2030(Vsmax=44V) is particularly suitable for substitution of the standard IC
power amplifiers(with Vsmax=36V) for more reliable applications.
An example, using a simple full-wave rectifier followed by a capacitor filter, is shown in the table and in the diagram of
Fig.27.
A regulated supply is not usually used for the power output stages because of its dimensioning must be done taking
into account the power to supply in signal peaks. They are not only a small percentage of the total music signal, with
consequently large overdimensioning of the circuit.
Even if with a regulated supply higher output power can be
obtained(Vs is constant in all working conditions),the
additional cost and power dissipation do not usually justify its use.
using non-regulated supplies, there are fewer
designee restriction. In fact, when signal peaks are present, the capacitor filter acts as a flywheel supplying the
required energy.
In average conditions, the continuous power supplied is lower. The music power/continuous power ratio is greater
in case than for the case of regulated supplied, with space saving and cost reduction.
0
0.4
0.8
1.2
1.6
2.0
28
30
32
34
36
Vo(V)
Io(A)
Fig.27 DC characteristics of
50W non-regulated supply
Vo
3300 mF
220V
0
2
4
Ripple
(Vp-p)
Ripple
Vout
Mains(220V)
Secondary Voltage
DC Output Voltage(Vo)
Io=0
Io=0.1A
Io=1A
+20%
28.8V
43.2V
42V
37.5V
+15%
27.6V
41.4V
40.3V
35.8V
+10%
26.4V
39.6V
38.5V
34.2V
24V
36.2V
35V
31V
-10%
21.6V
32.4V
31.5V
27.8V
-15%
20.4V
30.6V
29.8V
26V
-20%
19.2V
28.8V
28V
24.3
CONTEK
Contek Microelectronics Co.,Ltd.
http://www.contek-ic.com E-mail:sales@contek-ic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com