Electronic Components Datasheet Search
  English  ▼

X  

IES-150B Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # IES-150B
Description  Industrial 5-port mini type unmanaged Ethernet switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IES-150B Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  IES-150B Datasheet HTML 1Page - ORing Industrial Networking Corp IES-150B Datasheet HTML 2Page - ORing Industrial Networking Corp IES-150B Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
www.oring-networking.com
1-286
Industrial 5-port mini type unmanaged Ethernet switch with
5x10/100Base-T(X)
IES-150B
▪
Supports 5 ports 10/100 Base-T(X)
▪
Supports auto-negotiation and auto-MDI/MDI-X
▪
Supports store-and-forward transmission
▪
Supports flow control
▪
Compact size for easily installation
▪
Rigid IP-30 housing design
▪
DIN-Rail and wall mounting enabled
IES-150B is an unmanaged Ethernet switch with 5x10/100Base-T(X) ports. With very mini size of housing, you can install IES-150B easily. In addition,
IES-150B is with rigid IP-30 housing design and can operate under harsh environment. The extended operating temperature range from -40 to 70°C
is ready and can satisfy most requirement of operation.
IES-150B can be used in connecting several Ethernet devices like Ethernet I/O, IP-Camera or other Ethernet switches. In addition, its mini size enables
easily installation and minimize space requirement.
Introduction
Practical Operation
Connections of Ethernet devices
Features
v1.1 / Dec, 2011
Industrial Ethernet Switch DIN-Rail Unmanaged Ethernet Switch
IES-150B


Similar Part No. - IES-150B

ManufacturerPart #DatasheetDescription
logo
Level One
IES-1020 LVL1-IES-1020 Datasheet
512Kb / 2P
8 x 802.3at plus 2GE SFP Combo Unmanaged Switch -40 to 75C
logo
ORing Industrial Networ...
IES-1041FX ORING-IES-1041FX Datasheet
1Mb / 4P
Industrial slim type 5-port/6-port unmanaged Ethernet switch
IES-1041FX-MM-SC ORING-IES-1041FX-MM-SC Datasheet
1Mb / 4P
Industrial slim type 5-port/6-port unmanaged Ethernet switch
IES-1041FX-SS-SC ORING-IES-1041FX-SS-SC Datasheet
1Mb / 4P
Industrial slim type 5-port/6-port unmanaged Ethernet switch
IES-1042FX-MM-SC ORING-IES-1042FX-MM-SC Datasheet
1Mb / 4P
Industrial slim type 5-port/6-port unmanaged Ethernet switch
More results

Similar Description - IES-150B

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2525-BE ADVANTECH-EKI-2525-BE Datasheet
373Kb / 2P
5-port Unmanaged Industrial Ethernet Switch
EKI-2525-I ADVANTECH-EKI-2525-I Datasheet
373Kb / 2P
5-port Unmanaged Industrial Ethernet Switch
EKI-2525I-BE ADVANTECH-EKI-2525I-BE Datasheet
373Kb / 2P
5-port Unmanaged Industrial Ethernet Switch
EKI-2525-AE ADVANTECH-EKI-2525-AE Datasheet
373Kb / 2P
5-port Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IES-1041FX ORING-IES-1041FX Datasheet
1Mb / 4P
Industrial slim type 5-port/6-port unmanaged Ethernet switch
IES-1050 ORING-IES-1050 Datasheet
551Kb / 3P
Industrial 5-port Unmanaged Ethernet Switch
IES-1050A ORING-IES-1050A Datasheet
787Kb / 3P
Industrial Slim Type 5/8-port unmanaged Ethernet switch
IGS-150B ORING-IGS-150B Datasheet
809Kb / 3P
Industrial 5-port mini type unmanaged Gigabit Ethernet switch
IGS-1050A ORING-IGS-1050A Datasheet
814Kb / 3P
Industrial 5-port slim type unmanaged Gigabit Ethernet switch
IES-180B ORING-IES-180B Datasheet
683Kb / 3P
Industrial 8-port mini type unmanaged Ethernet switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com