Electronic Components Datasheet Search
  English  ▼

X  

IES-150B Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # IES-150B
Description  Industrial 5-port mini type unmanaged Ethernet switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IES-150B Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  IES-150B Datasheet HTML 1Page - ORing Industrial Networking Corp IES-150B Datasheet HTML 2Page - ORing Industrial Networking Corp IES-150B Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1-287
1-287
Designed for Rugged Excellence
Dimensions
(Unit=mm)
Specifications
ORing Switch Model
IES-150B
Physical Ports
10/100Base-T(X) Ports in RJ45 Auto MDI/MDIX
5
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX
IEEE 802.3x for Flow control
MAC Table
2048 MAC addresses
Processing
Store-and-Forward
LED Indicators
Power indicator
Green : Power LED x 2
10/100Base-T(X) RJ45 port Indicator
Green for port Link/Act. Amber for Duplex/Collision
Power
Input Power
Dual 12~48 VDC power input on 4-pin terminal block
Power Consumption (Typ.)
3 Watts
Overload Current Protection
Present
Industrial Ethernet Switch DIN-Rail Unmanaged Ethernet Switch
v1.1 / Dec, 2011



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com