Electronic Components Datasheet Search
  English  ▼

X  

TMCTX Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TMCTX
Description  Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCTX Datasheet(HTML) 3 Page - Vishay Siliconix

  TMCTX Datasheet HTML 1Page - Vishay Siliconix TMCTX Datasheet HTML 2Page - Vishay Siliconix TMCTX Datasheet HTML 3Page - Vishay Siliconix TMCTX Datasheet HTML 4Page - Vishay Siliconix TMCTX Datasheet HTML 5Page - Vishay Siliconix TMCTX Datasheet HTML 6Page - Vishay Siliconix TMCTX Datasheet HTML 7Page - Vishay Siliconix TMCTX Datasheet HTML 8Page - Vishay Siliconix TMCTX Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TMCTX
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
3
Document Number: 40183
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Marking code repeats every four years in alphabetical order (letter of I, i, O, and o are excluded)
DATE CODE
YEAR
MONTH
123456789
10
11
12
2013
A
B
C
D
E
F
G
H
J
K
L
M
2014
N
P
Q
R
S
T
U
V
W
X
Y
Z
2015
a
b
c
d
e
f
g
h
j
k
l
m
2016
n
p
q
r
s
t
u
v
w
x
y
z
2017
A
B
C
D
E
F
G
H
J
K
L
M
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z
2019
a
b
c
d
e
f
g
h
j
k
l
m
2020
n
p
q
r
s
t
u
v
w
x
y
z
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C, 120 Hz
(%)
10 VDC AT +85 °C; 6.3 VDC AT +125 °C
4.7
B
TMCTXB1A475(1)TRF
0.50
5
6.8
B
TMCTXB1A685(1)TRF
0.70
5
10
B
TMCTXB1A106(1)TRF
1.00
5
15
C
TMCTXC1A156(1)TRF
1.50
5
22
C
TMCTXC1A226(1)TRF
2.20
5
33
E
TMCTXE1A336(1)TRF
3.30
6
47
E
TMCTXE1A476(1)TRF
4.70
6
47
F
TMCTXF1A476(1)TRF
4.70
6
68
E
TMCTXE1A686(1)TRF
6.80
6
68
F
TMCTXF1A686(1)TRF
6.80
6
16 VDC AT +85 °C; 10 VDC AT +125 °C
3.3
B
TMCTXB1C335(1)TRF
0.50
5
4.7
B
TMCTXB1C475(1)TRF
0.80
5
6.8
B
TMCTXB1C685(1)TRF
1.10
5
10
C
TMCTXC1C106(1)TRF
1.60
5
15
C
TMCTXC1C156(1)TRF
2.40
5
22
E
TMCTXE1C226(1)TRF
3.50
5
33
E
TMCTXE1C336(1)TRF
5.30
6
33
F
TMCTXF1C336(1)TRF
5.30
6
47
E
TMCTXE1C476(1)TRF
7.50
6
47
F
TMCTXF1C476(1)TRF
7.50
6
20 VDC AT +85 °C; 13 VDC AT +125 °C
2.2
B
TMCTXB1D225(1)TRF
0.50
5
3.3
B
TMCTXB1D335(1)TRF
0.70
5
4.7
B
TMCTXB1D475(1)TRF
0.90
5
6.8
C
TMCTXC1D685(1)TRF
1.40
5
10
C
TMCTXC1D106(1)TRF
2.00
5
15
E
TMCTXE1D156(1)TRF
3.00
5
22
E
TMCTXE1D226(1)TRF
4.40
5
22
F
TMCTXF1D226(1)TRF
4.40
5
33
E
TMCTXE1D336(1)TRF
6.60
6
33
F
TMCTXF1D336(1)TRF
6.60
6
Note
• Part number definition:
(1) Tolerance: For 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com