Electronic Components Datasheet Search
  English  ▼

X  

TMCTX Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TMCTX
Description  Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCTX Datasheet(HTML) 4 Page - Vishay Siliconix

  TMCTX Datasheet HTML 1Page - Vishay Siliconix TMCTX Datasheet HTML 2Page - Vishay Siliconix TMCTX Datasheet HTML 3Page - Vishay Siliconix TMCTX Datasheet HTML 4Page - Vishay Siliconix TMCTX Datasheet HTML 5Page - Vishay Siliconix TMCTX Datasheet HTML 6Page - Vishay Siliconix TMCTX Datasheet HTML 7Page - Vishay Siliconix TMCTX Datasheet HTML 8Page - Vishay Siliconix TMCTX Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TMCTX
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
4
Document Number: 40183
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
25 VDC AT +85 °C; 16 VDC AT +125 °C
1.5
B
TMCTXB1E155(1)TRF
0.50
5
2.2
B
TMCTXB1E225(1)TRF
0.60
5
3.3
B
TMCTXB1E335(1)TRF
0.80
5
4.7
C
TMCTXC1E475(1)TRF
1.20
5
6.8
C
TMCTXC1E685(1)TRF
1.70
5
10
E
TMCTXE1E106(1)TRF
2.50
5
15
F
TMCTXF1E156(1)TRF
3.80
5
35 VDC AT +85 °C; 22 VDC AT +125 °C
1.0
B
TMCTXB1V105(1)TRF
0.50
4
1.5
C
TMCTXC1V155(1)TRF
0.50
5
2.2
C
TMCTXC1V225(1)TRF
0.80
5
3.3
C
TMCTXC1V335(1)TRF
1.20
5
4.7
E
TMCTXE1V475(1)TRF
1.60
5
6.8
E
TMCTXE1V685(1)TRF
2.40
5
10
F
TMCTXF1V106(1)TRF
3.50
5
RECOMMENDED VOLTAGE DERATING GUIDELINES (for temperature below +85 °C)
CAPACITOR VOLTAGE RATING
OPERATING VOLTAGE
10
5.0
16
8.0
20
10.0
25
12.5
35
17.5
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT +25 °C (W) IN FREE AIR
B
0.096
C
0.100
E
0.120
F
0.160
STANDARD PACKAGING QUANTITY
CASE CODE
UNITS PER 7" REEL
B
2000
C
500
E
500
F
500
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C, 120 Hz
(%)
Note
• Part number definition:
(1) Tolerance: For 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com