Electronic Components Datasheet Search
  English  ▼

X  

TR3 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # TR3
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button TR3_17 Datasheet HTML 9Page - Vishay Siliconix TR3_17 Datasheet HTML 10Page - Vishay Siliconix TR3_17 Datasheet HTML 11Page - Vishay Siliconix TR3_17 Datasheet HTML 12Page - Vishay Siliconix TR3_17 Datasheet HTML 13Page - Vishay Siliconix TR3_17 Datasheet HTML 14Page - Vishay Siliconix TR3_17 Datasheet HTML 15Page - Vishay Siliconix TR3_17 Datasheet HTML 16Page - Vishay Siliconix TR3_17 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
TR3
www.vishay.com
Vishay Sprague
Revision: 26-Oct-17
13
Document Number: 40080
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
20 VDC AT +85 °C; 13 VDC AT +125 °C
100
D
TR3D107(1)020(4)0200
20.0
8
0.200
0.87
100
D
TR3D107(1)020(4)0150
20.0
8
0.150
1.00
100
D
TR3D107(1)020(4)0100
20.0
8
0.100
1.22
100
D
TR3D107(1)020(5)0085
20.0
8
0.085
1.33
100
D
TR3D107(1)020(5)0080
20.0
8
0.080
1.37
100
E
TR3E107(1)020(4)0200
20.0
8
0.200
0.91
100
E
TR3E107(1)020(4)0150
20.0
8
0.150
1.05
100
E
TR3E107(1)020(4)0100
20.0
8
0.100
1.28
100
W
TR3W107(1)020(5)0200
20.0
8
0.200
1.12
100
W
TR3W107(1)020(5)0100
20.0
8
0.100
1.58
100
W
TR3W107(1)020(5)0080
20.0
8
0.080
1.77
100
W
TR3W107(1)020(5)0060
20.0
8
0.060
2.04
150
W
TR3W157(1)020(5)0200
30.0
10
0.200
1.12
150
W
TR3W157(1)020(5)0150
30.0
10
0.150
1.29
150
W
TR3W157(1)020(5)0100
30.0
10
0.100
1.58
150
W
TR3W157(1)020(5)0080
30.0
10
0.080
1.77
25 VDC AT +85 °C; 17 VDC AT +125 °C
0.47
A
TR3A474(1)025(2)7000
0.5
4
7.000
0.10
0.68
A
TR3A684(1)025(2)6000
0.5
4
6.000
0.11
1.0
A
TR3A105(1)025(2)4000
0.5
4
4.000
0.14
1.5
A
TR3A155(1)025(2)4000
0.5
6
4.000
0.14
1.5
A
TR3A155(1)025(2)3000
0.5
6
3.000
0.16
1.5
B
TR3B155(1)025(2)1800
0.5
6
1.800
0.22
2.2
A
TR3A225(1)025(2)4000
0.6
6
4.000
0.14
2.2
B
TR3B225(1)025(2)1700
0.6
8
1.700
0.22
2.2
B
TR3B225(1)025(2)1500
0.6
6
1.500
0.24
2.2
B
TR3B225(1)025(2)1200
0.6
6
1.200
0.27
2.2
B
TR3B225(1)025(2)0900
0.6
6
0.900
0.31
3.3
A
TR3A335(1)025(2)3500
0.8
6
3.500
0.15
3.3
A
TR3A335(1)025(2)3000
0.8
6
3.000
0.16
3.3
B
TR3B335(1)025(2)2000
0.8
6
2.000
0.21
3.3
B
TR3B335(1)025(2)1500
0.8
6
1.500
0.24
3.3
B
TR3B335(1)025(2)0750
0.8
6
0.750
0.34
4.7
A
TR3A475(1)025(2)3500
1.2
6
3.500
0.15
4.7
A
TR3A475(1)025(2)3000
1.2
6
3.000
0.16
4.7
B
TR3B475(1)025(2)1500
1.2
6
1.500
0.24
4.7
B
TR3B475(1)025(2)1000
1.2
6
1.000
0.29
4.7
B
TR3B475(1)025(2)0900
1.2
6
9.000
0.10
4.7
B
TR3B475(1)025(2)0700
1.2
6
0.700
0.35
4.7
C
TR3C475(1)025(2)0600
1.2
6
0.600
0.43
4.7
C
TR3C475(1)025(2)0525
1.2
6
0.525
0.46
6.8
B
TR3B685(1)025(2)2000
1.7
6
2.000
0.21
6.8
B
TR3B685(1)025(2)1500
1.7
6
1.500
0.24
6.8
B
TR3B685(1)025(2)1200
1.7
6
1.200
0.27
6.8
B
TR3B685(1)025(2)0700
1.7
6
0.700
0.35
6.8
B
TR3B685(1)025(3)0500
1.7
6
0.500
0.41
6.8
B
TR3B685(1)025(3)0400
1.7
6
0.400
0.46
6.8
C
TR3C685(1)025(2)0600
1.7
6
0.600
0.43
6.8
C
TR3C685(1)025(2)0500
1.7
6
0.500
0.47
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance codes: K, M
(2) Terminations and packaging codes: C, D, E, F
(3) Lead (Pb)-free terminations and packaging codes: C, D
(4) Terminations and packaging codes: C, D, E, F, U, V, T, W
(5) Lead (Pb)-free terminations and packaging codes: C, D, V, U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com