Electronic Components Datasheet Search
  English  ▼

X  

TR3 Datasheet(PDF) 16 Page - Vishay Siliconix

Part # TR3
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3 Datasheet(HTML) 16 Page - Vishay Siliconix

Back Button TR3_17 Datasheet HTML 12Page - Vishay Siliconix TR3_17 Datasheet HTML 13Page - Vishay Siliconix TR3_17 Datasheet HTML 14Page - Vishay Siliconix TR3_17 Datasheet HTML 15Page - Vishay Siliconix TR3_17 Datasheet HTML 16Page - Vishay Siliconix TR3_17 Datasheet HTML 17Page - Vishay Siliconix TR3_17 Datasheet HTML 18Page - Vishay Siliconix TR3_17 Datasheet HTML 19Page - Vishay Siliconix TR3_17 Datasheet HTML 20Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
TR3
www.vishay.com
Vishay Sprague
Revision: 26-Oct-17
16
Document Number: 40080
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
35 VDC AT +85 °C; 23 VDC AT +125 °C
10
C
TR3C106(1)035(2)1200
3.5
6
1.200
0.30
10
C
TR3C106(1)035(2)0450
3.5
6
0.450
0.49
10
D
TR3D106(1)035(4)0400
3.5
6
0.400
0.61
10
D
TR3D106(1)035(4)0300
3.5
6
0.300
0.71
10
D
TR3D106(1)035(4)0260
3.5
6
0.260
0.76
10
D
TR3D106(1)035(4)0250
3.5
6
0.250
0.77
10
D
TR3D106(1)035(4)0200
3.5
6
0.200
0.87
10
D
TR3D106(1)035(5)0135
3.5
6
0.135
1.05
10
D
TR3D106(1)035(5)0125
3.5
6
0.125
1.10
10
E
TR3E106(1)035(4)0250
3.5
6
0.250
0.81
10
E
TR3E106(1)035(4)0200
3.5
6
0.200
0.91
15
C
TR3C156(1)035(2)0600
5.3
6
0.600
0.43
15
C
TR3C156(1)035(2)0400
5.3
6
0.400
0.52
15
D
TR3D156(1)035(4)0350
5.3
6
0.350
0.65
15
D
TR3D156(1)035(4)0300
5.3
6
0.300
0.71
15
D
TR3D156(1)035(4)0260
5.3
6
0.260
0.76
15
D
TR3D156(1)035(4)0225
5.3
6
0.225
0.82
15
D
TR3D156(1)035(4)0200
5.3
6
0.200
0.87
15
D
TR3D156(1)035(4)0150
5.3
6
0.150
1.00
15
E
TR3E156(1)035(4)0300
5.3
6
0.300
0.74
15
E
TR3E156(1)035(4)0225
5.3
6
0.225
0.86
15
E
TR3E156(1)035(4)0200
5.3
6
0.200
0.91
15
E
TR3E156(1)035(4)0150
5.3
6
0.150
1.05
22
D
TR3D226(1)035(4)0400
7.7
6
0.400
0.61
22
D
TR3D226(1)035(4)0300
7.7
6
0.300
0.71
22
D
TR3D226(1)035(4)0275
7.7
6
0.275
0.74
22
D
TR3D226(1)035(4)0250
7.7
6
0.250
0.77
22
D
TR3D226(1)035(4)0200
7.7
6
0.200
0.87
22
E
TR3E226(1)035(4)0300
7.7
6
0.300
0.74
22
E
TR3E226(1)035(4)0275
7.7
6
0.275
0.77
22
E
TR3E226(1)035(4)0260
7.7
6
0.260
0.80
22
E
TR3E226(1)035(4)0200
7.7
6
0.200
0.91
33
D
TR3D336M035(4)0400
11.6
6
0.400
0.61
33
D
TR3D336M035(5)0250
11.6
6
0.250
0.77
33
E
TR3E336M035(4)0400
11.6
6
0.400
0.64
33
E
TR3E336M035(5)0250
11.6
6
0.250
0.81
47
E
TR3E476(1)035(4)0400
20.0
10
0.400
0.64
47
E
TR3E476(1)035(5)0200
20.0
10
0.200
0.91
50 VDC AT +85 °C; 33 VDC AT +125 °C
0.15
A
TR3A154(1)050(2)10R0
0.5
4
10.000
0.09
0.22
A
TR3A224(1)050(2)10R0
0.5
4
10.000
0.09
0.33
A
TR3A334(1)050(2)7000
0.5
4
7.000
0.10
0.47
B
TR3B474(1)050(2)6000
0.5
4
6.000
0.12
0.47
C
TR3C474(1)050(2)2300
0.5
4
2.300
0.22
1.0
B
TR3B105(1)050(2)4000
0.5
4
4.000
0.15
1.0
B
TR3B105(1)050(2)2000
0.5
4
2.000
0.21
1.0
C
TR3C105(1)050(2)1600
0.5
4
1.600
0.26
1.5
B
TR3B155(1)050(2)2000
0.8
6
2.000
0.21
1.5
C
TR3C155(1)050(2)1500
0.8
6
1.500
0.27
2.2
B
TR3B225(1)050(2)2000
1.1
6
2.000
0.21
2.2
C
TR3C225(1)050(2)1500
1.1
6
1.500
0.27
2.2
D
TR3D225(1)050(4)0800
1.1
6
0.800
0.43
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance codes: K, M
(2) Terminations and packaging codes: C, D, E, F
(3) Lead (Pb)-free terminations and packaging codes: C, D
(4) Terminations and packaging codes: C, D, E, F, U, V, T, W
(5) Lead (Pb)-free terminations and packaging codes: C, D, V, U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com