Electronic Components Datasheet Search
  English  ▼

X  

TLP559 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP559
Description  TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP559 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP559 Datasheet HTML 1Page - Toshiba Semiconductor TLP559 Datasheet HTML 2Page - Toshiba Semiconductor TLP559 Datasheet HTML 3Page - Toshiba Semiconductor TLP559 Datasheet HTML 4Page - Toshiba Semiconductor TLP559 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLP559(IGM)
2002-05-27
1
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
TLP559(IGM)
TRANSISTOR INVERTER
INVERTER FOR AIR CONDITIONER
LINE RECEIVER
IPM INTERFACES
The TOSHIBA TLP559(IGM) consists of a GaAlAs high-output light
emitting diode and a high speed detector of one chip photo diode-
transistor.
This unit is 8-lead DIP package.
TLP559(IGM) has no internal base connection,and a Faraday shield
integrated on the photodetector chip provides an effective common
mode noise transient immunity.
TLP559(IGM) guarantees minimum and maximum of propagation
delay time,switching time dispersion,and high common mode
transient immunity.There for TLP559(IGM) is suitable for isolation
interface between IPM(Intelligent Power Module) and control IC
circuits in motor control application.
l Isolation Voltage
: 2500 Vrms (Min)
l Common Mode Transient Immunity
:±10kV/µs (Min)
@VCM = 1500 V
l Switching Time
: tpHL , tpLH = 0.1µs (Min)
= 0.8µs (Max)
@IF = 10 mA , VCC = 15 V , RL = 20 kΩ , Ta = 25°C
l Switching Time Dispersion : 0.7µs (Max)
(|tpLH−tpHL|)
l TTL Compatible
l UL Recognized
: UL1577, File No. E67349
PIN CONFIGURATION(Top view)
1:N.C.
2:ANODE
3:CATHODE
4:N.C.
5:EMITTER
6:COLLECTOR
7:N.C.
8:VCC
SCHEMATIC
SHIELD
JEDEC
―
EIAJ
―
TOSHIBA
11−10C4
Weight: 0.54 g
Unit: mm


Similar Part No. - TLP559

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP559 TOSHIBA-TLP559 Datasheet
254Kb / 5P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
TLP559 TOSHIBA-TLP559 Datasheet
190Kb / 7P
Switching Power Supply Feedback Control
TLP559IGM TOSHIBA-TLP559IGM Datasheet
254Kb / 5P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
TLP559 TOSHIBA-TLP559_07 Datasheet
190Kb / 7P
Switching Power Supply Feedback Control
More results

Similar Description - TLP559

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP554 TOSHIBA-TLP554 Datasheet
404Kb / 8P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
TLP591B TOSHIBA-TLP591B Datasheet
153Kb / 4P
TOSHIBA Photocoupler GaALAs Ired & Photo-Diode Array
TLP2531 TOSHIBA-TLP2531 Datasheet
188Kb / 8P
TOSHIBA Photocoupler GaALAs Ired & Photo IC
TLP2601 TOSHIBA-TLP2601 Datasheet
217Kb / 9P
TOSHIBA Photocoupler GaALAs Ired & Photo-IC
TLP168J TOSHIBA-TLP168J Datasheet
169Kb / 5P
TOSHIBA Photocoupler GaALAs IRed & Photo-Triac
TLP719 TOSHIBA-TLP719 Datasheet
48Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com