Electronic Components Datasheet Search
  English  ▼

X  

TLP559 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP559
Description  TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP559 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP559 Datasheet HTML 1Page - Toshiba Semiconductor TLP559 Datasheet HTML 2Page - Toshiba Semiconductor TLP559 Datasheet HTML 3Page - Toshiba Semiconductor TLP559 Datasheet HTML 4Page - Toshiba Semiconductor TLP559 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TLP559(IGM)
2002-05-27
3
COUPLED ELECTRICAL CHARACTERISTICS (Ta = 25℃
℃
℃
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
IF = 10 mA, VCC = 4.5 V
VO = 0.4 V
25
35
75
Current Transfer Ratio
IO / IF
IF = 10 mA, VCC = 4.5 V
VO = 0.4 V, Ta = −25~100°C
15
―
―
%
Low Level Output Voltage
VOL
IF = 16 mA, VCC = 4.5 V
IO = 2.4 mA
―
―
0.4
V
ISOLATION CHARACTERISTICS (Ta = 25℃
℃
℃
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Capacitance Input to Output
CS
V = 0, f = 1 MHz
―
0.8
―
pF
Isolation Resistance
RS
R.H.≤60%, VS = 500 V
5×10
10
10
14
―
Ω
AC , 1minute
2500
―
―
AC , 1second, in oil
―
5000
―
Vrms
Isolation Voltage
BVS
DC , 1minute,in oil
―
5000
―
Vdc
SWITCHING CHARACTERISTICS (Ta = 25℃、
℃、
℃、
℃、VCC = 15 V)
CHARACTERISTIC
SYMBOL
TEST
CIR-
CUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
IF = 10 mA, RL = 20 kΩ
0.1
0.45
0.8
IF = 10 mA, RL = 20 kΩ
Ta = 0~85°C
0.1
0.45
0.9
Propagation Delay Time (H→L)
Propagation Delay Time (L→H)
tpHL
tpLH
IF = 10 mA, RL = 20 kΩ
Ta = −25~100°C
0.1
0.45
1.0
µs
IF = 10 mA, RL = 20 kΩ
―
0.15
0.7
IF = 10 mA, RL = 20 kΩ
Ta = 0~85°C
―
0.25
0.8
Switching Time
Dispersion between ON
and OFF
|tpLH−tpHL|
1
IF = 20 mA, RL = 20 kΩ
Ta = −25~100°C
―
0.25
0.9
µs
Common Mode
Transient Immunity at
Logic High Output
(Note 8)
CMH
IF = 0 mA,
VCM = 1500 Vp−p,
RL = 20 kΩ
10000 15000
―
V /µs
Common Mode
Transient Immunity at
Logic Low Output
(Note 8)
CML
2
IF =10 mA,
VCM = 1500 Vp−p,
RL = 20 kΩ
−10000 −15000
―
V /µs
(Note 8) CML is the maximum rate of fall of the common mode voltage that can be
sustained with the output voltage in the logic low state(Vo<1V).
CMH is the maximum rate of rise of the common mode voltage that can be
sustained with the output voltage in the logic high state(Vo>4V).
(Note 9) Maximum electrostatic discharge voltage for any pins : 100V(C=200pF,R=0)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com