Electronic Components Datasheet Search
  English  ▼

X  

ABC400 Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # ABC400
Description  Power Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC400 Datasheet(HTML) 9 Page - Bel Fuse Inc.

Back Button ABC400 Datasheet HTML 3Page - Bel Fuse Inc. ABC400 Datasheet HTML 4Page - Bel Fuse Inc. ABC400 Datasheet HTML 5Page - Bel Fuse Inc. ABC400 Datasheet HTML 6Page - Bel Fuse Inc. ABC400 Datasheet HTML 7Page - Bel Fuse Inc. ABC400 Datasheet HTML 8Page - Bel Fuse Inc. ABC400 Datasheet HTML 9Page - Bel Fuse Inc. ABC400 Datasheet HTML 10Page - Bel Fuse Inc. ABC400 Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ABC400 Series
© 2015 Bel Power Solutions, Inc.
+1.866.513.2839
tech.support@psbel.com
BCD.00186_AD
SAFETY / APPROVALS
Maximum electric strength testing is performed in the factory according to IEC/EN 60950, and UL 60950. input-to-output
electric strength tests should not be repeated in the field. Bel Power Solutions will not honor any warranty claims resulting
from electric strength field tests.
PARAMETER
DESCRIPTION / CONDITIONS
MIN
NOM
MAX
UNIT
Safety Approvals
Safety approved to the latest edition of the following
standards: CSA/UL60950-1, EN60950-1 and IEC60950-1.
CE Mark for LVD
CB Approval
Insulation Safety Rating
Input / Case
Basic
Input / Output
Reinforced
Output / Case
Functional
dC
Creepage / Clearance
Primary (L/N) to protective earth (PE)
According to
safety standard
mm
Primary to secondary
mm
Electrical Strength Test
Input to case
2121
VDC
Input to output
4242
VDC
Output and Signals to case
707
VDC
DIMENSIONS
115
M3x0.5P Thread Hole
for customer system mounting;
Mounting screw insert into
PSU chassis 5.0mm Max.
(2 holes on each side)
Figure 17: Side view 1
SN Label
I/O label
115
Figure 18: Side view 2
Note: A 3D step file of the power supply casing is available on request.
Airflow Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com