Electronic Components Datasheet Search
  English  ▼

X  

ABC400 Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # ABC400
Description  Power Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC400 Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button ABC400 Datasheet HTML 3Page - Bel Fuse Inc. ABC400 Datasheet HTML 4Page - Bel Fuse Inc. ABC400 Datasheet HTML 5Page - Bel Fuse Inc. ABC400 Datasheet HTML 6Page - Bel Fuse Inc. ABC400 Datasheet HTML 7Page - Bel Fuse Inc. ABC400 Datasheet HTML 8Page - Bel Fuse Inc. ABC400 Datasheet HTML 9Page - Bel Fuse Inc. ABC400 Datasheet HTML 10Page - Bel Fuse Inc. ABC400 Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ABC400 Series
© 2015 Bel Power Solutions, Inc.
+1.866.513.2839
tech.support@psbel.com
BCD.00186_AD
J1
J1-1
J2
J3
J1-5
J3-1
Outside Row
127 ±0.5
Figure 19: Top view
M3x0.5P Thread Hole
for customer system mouting
(4places on bottom side)
A
A
Section A-A
118.75
Customer side mounting scerw insert
into PSU chassis 5.0mm Max.
Figure 20: Bottom view 2
38.1 ±0.5
Figure 21: Front view
Airflow Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com