Electronic Components Datasheet Search
  English  ▼

X  

MAP30 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # MAP30
Description  RoHS Compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MAP30 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  MAP30 Datasheet HTML 1Page - Bel Fuse Inc. MAP30 Datasheet HTML 2Page - Bel Fuse Inc. MAP30 Datasheet HTML 3Page - Bel Fuse Inc. MAP30 Datasheet HTML 4Page - Bel Fuse Inc. MAP30 Datasheet HTML 5Page - Bel Fuse Inc. MAP30 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MAP30/40/42 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
BCD.00563_AC
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Input Voltage - AC
Continuous input range
MAP42
MAP30, MAP40
85
90
264
264
VAC
Input Frequency
AC input
47
63
Hz
Brown Out Protection
Lowest AC input voltage that regulation is maintained with full rated
loads.
85
VAC
Hold-up Time
Nominal AC Input Voltage (115VAC), full rated load.
15
ms
Input Current
90 VAC (40W load).
1.2
ARMS
Input Protection
Non-user serviceable internally located AC input line fuse.
Inrush Surge Current
Internally limited by thermistor, Vin = 264 VAC (one cycle), 25° C
38
APK
Operating Frequency
Switching frequency of power supply (fixed frequency).
23
25
30
kHz
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Efficiency
Full load @120 VAC
70% typical
Minimum Loads
Single output models; MAP30, MAP42.
All multiple output models, see regulation graphs.
0.0
Amps
Ripple and Noise
Full load, 20 MHz bandwidth.
See Model Selection Chart.
Output Power
Multiple output models with convection cooling.
40
Watts
Overshoot / Undershoot
Output voltage overshoot/undershoot at turn-on, V1.
1
%
Regulation
Varies by output, total regulation includes: Line changes from 90-
132 VAC or 175-264, changes in load starting at 20% load and
changing to 100% load.
See regulation graphs.
Transient Response
Recovery time, to within 1% of initial set point due to a 50-100%
load change, 4% max. deviation. (Main output only of multiple
output units).
500
μs
Turn-on Delay
Time required for initial output voltage stabilization.
1
2
Sec
Turn-on Rise Time
Time required for output voltage to rise from 10% to 90%.
20
ms
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Overvoltage Protection
MAP30-1005G, MAP42-1005
MAP42-1012G
MAP42-1024G
Main output only of multiple output units.
5.8
20.0
32.0
5.8
6.8
22.0
37.0
6.8
V
Overload Protection
Fully protected against output overload and short circuit. Automatic
recovery upon removal of overload condition.
130
%
Remote Sense
Total cable drop, single output models only.
250
mV
8 Power Fail Warning is not available for MAP80-1024G. The MAP80-1012G is an open collector output, capable of sinking 35 mA, maximum.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com