Electronic Components Datasheet Search
  English  ▼

X  

MAP30 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # MAP30
Description  RoHS Compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MAP30 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  MAP30 Datasheet HTML 1Page - Bel Fuse Inc. MAP30 Datasheet HTML 2Page - Bel Fuse Inc. MAP30 Datasheet HTML 3Page - Bel Fuse Inc. MAP30 Datasheet HTML 4Page - Bel Fuse Inc. MAP30 Datasheet HTML 5Page - Bel Fuse Inc. MAP30 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MAP30/40/42 Series
5
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
BCD.00563_AC
12V OUTPUT CURRENT
Figure 2. MAP40-3000/3100/3105G Typical Quasi Regulation Performance For +12V Output
15V OUTPUT CURRENT
Figure 3. MAP40-3003G Typical Quasi Regulation Performance For +15V Output
V1
V1
GND
GND
+Sense
-Sense
PIN 6
PIN 1
N/C
V1
V1
GND
GND
+Sense
-Sense
PIN 7
PIN 1
MAP30 J2
J1/J2 MATES WITH MOLEX (SERIES 2139 or SERIES 41695) .156" (4mm)
CENTER CRIMP TERMINAL HOUSING OR EQUIVALENT
V2
V1
V1
GND
GND
V3
PIN 6
PIN 1
MAP40 J2
MAP42 J2
J1
NEUTRAL
PIN 1
LINE
PIN 2
J3
SAFETY EARTH GROUND
(0.250" x 0.032" FASTON)
Figure 4. Electrical Connectors
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNITS
Dimensions
127.0 x 76.2 x see table below
5.0 x 3.0 x see table below
mm
in
Weight
0.26
0.6
kg
lb
13.5
13.0
12.5
12.0
11.5
11.0
+5V @ 3.0 Amps
+5V @ 1.8 Amps
+5V @ 0.6 Amps
V @ 0 Amps
+5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.8
2.0
1.6
17.0
16.5
16.0
15.5
15.0
14.5
14.0
13.5
V @ 3.0 Amps
+5
+5V @ 1.8 Amps
+5V @ 0.6 Amps
V @ 0 Amps
+5
0
0.15
0.3
0.45
0.6
0.75
1.05
1.2
1.35
1.5
0.9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com