Electronic Components Datasheet Search
  English  ▼

X  

AD7143 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7143
Description  Programmable Controller for Capacitance Touch Sensors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7143 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7143 Datasheet HTML 9Page - Analog Devices AD7143 Datasheet HTML 10Page - Analog Devices AD7143 Datasheet HTML 11Page - Analog Devices AD7143 Datasheet HTML 12Page - Analog Devices AD7143 Datasheet HTML 13Page - Analog Devices AD7143 Datasheet HTML 14Page - Analog Devices AD7143 Datasheet HTML 15Page - Analog Devices AD7143 Datasheet HTML 16Page - Analog Devices AD7143 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
AD7143
Rev. 0 | Page 12 of 56
Complete Solution for Capacitance Sensing
Analog Devices, Inc. provides a complete solution for
capacitance sensing. The two main elements to the solution are
the sensor PCB and the AD7143.
If the application requires high resolution sensors, such as scroll
bars or wheels, software is required that runs on the host
processor. (No software is required for button sensors.) The
memory requirements for the host depend upon the sensor, and
are typically 9 kB of code and 600 bytes of data memory.
AD7143
SENSOR PCB
S1
S2
S3
S7
S6
S5
S4
S8
SRC
8
I2C
HOST PROCESSOR
1 MIPS
9kB ROM
600 BYTES RAM
Figure 18. Three Part Capacitance Sensing Solution
Analog Devices supplies the sensor PCB footprint design
libraries to the customer based on the customer’s specifications,
and supplies any necessary software on an open-source basis.
OPERATING MODES
The AD7143 has three operating modes. Full power mode,
where the device is always fully powered, is suited for applications
where power is not a concern. One example is game consoles
that have an ac power supply. Low power mode, where the part
automatically powers down, is tailored to give significant power
savings over full power mode, and is suited for mobile applications
where power must be conserved. In shutdown mode, the part
shuts down completely.
The POWER_MODE bits (Bit 0 and Bit 1) of the control
register set the operating mode on the AD7143. The control
register is at Address 0x000. Table 6 shows the POWER_MODE
settings for each operating mode. To put the AD7143 into
shutdown mode, set the POWER_MODE bits to either 01 or 11.
Table 6. POWER_MODE Settings
POWER_MODE Bits
Operating Mode
00
Full power mode
01
Full shutdown mode
10
Low power mode
11
Full shutdown mode
The power-on default setting of the POWER_MODE bits is 00,
full power mode.
Full Power Mode
In full power mode, all sections of the AD7143 remain fully
powered at all times. While a sensor is being touched, the
AD7143 processes the sensor data. If no sensor is touched, the
AD7143 measures the ambient capacitance level and uses this
data for the on-chip compensation routines. In full power
mode, the AD7143 converts at a constant rate. See the CDC
Conversion Sequence Time section for more information.
Low Power Mode
When in low power mode, the AD7143 POWER_MODE bits
are set to 10 upon device initialization. If the external sensors
are not touched, the AD7143 reduces its conversion frequency,
thereby greatly reducing its power consumption. The part
remains in a reduced power state when the sensors are not
touched. Every LP_CONV_DELAY ms (200 ms, 400 ms, 600
ms or 800 ms), the AD7143 performs a conversion and uses this
data to update the compensation logic. When an external
sensor is touched, the AD7143 begins a conversion sequence
every 25 ms to read back data from the sensors.
In low power mode, the total current consumption of the
AD7143 is an average of the current used during a conversion,
and the current used while the AD7143 is waiting for the next
conversion to begin. For example, when LP_CONV_DELAY is
400 ms, the AD7143 typically uses 0.9 mA current for 25 ms
and 15 μA for 400 ms of the conversion interval. Note that these
conversion timings can be altered through the register settings.
See the CDC Conversion Sequence Time section for more
information.
NO
YES
YES
NO
TIMEOUT
AD7143 SETUP
AND INITIALIZATION
POWER_MODE = 10
ANY
SENSOR
TOUCHED?
CONVERSION SEQUENCE
EVERY LP_CONV_DELAY ms
UPDATE COMPENSATION
LOGIC DATA PATH
PROXIMITY TIMER
COUNT DOWN
CONVERSION SEQUENCE
EVERY 25ms FOR
SENSOR READBACK
ANY SENSOR
TOUCHED?
Figure 19. Low Power Mode Operation
The time taken for the AD7143 to go from a full power state to
a reduced power state, once the user stops touching the external
sensors, is configurable. Once the sensors are not touched, the
PWR_DWN_TIMEOUT bits, in the Ambient Compensation
Ctrl 0 Register at Address 0x002, control the amount of time
necessary for the device to return to a reduced power state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com