Electronic Components Datasheet Search
  English  ▼

X  

AD7150 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7150
Description  Converter for Proximity Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7150 Datasheet(HTML) 4 Page - Analog Devices

  AD7150 Datasheet HTML 1Page - Analog Devices AD7150 Datasheet HTML 2Page - Analog Devices AD7150 Datasheet HTML 3Page - Analog Devices AD7150 Datasheet HTML 4Page - Analog Devices AD7150 Datasheet HTML 5Page - Analog Devices AD7150 Datasheet HTML 6Page - Analog Devices AD7150 Datasheet HTML 7Page - Analog Devices AD7150 Datasheet HTML 8Page - Analog Devices AD7150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
AD7150
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VDD = 2.7 V to 3.6 V; GND = 0 V; –40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit1
Test Conditions/Comments
CAPACITIVE INPUT
Conversion Input Range CIN to EXC2
3.2
4
pF
4 pF input range
1.6
2
pF
2 pF input range
0.8
1
pF
1 pF input range
0.4
0.5
pF
0.5 pF input range
Resolution3
2.0
fF
4 pF input range
1.6
fF
2 pF input range
1.4
fF
1 pF input range
1.0
fF
0.5 pF input range
Allowed Capacitance CIN to GND3
100
pF
Allowed Resistance CIN to GND3
10
Allowed Serial Resistance3
125
Gain Error
−20
+20
%
Gain Deviation over Temperature3
0.5
%
Gain Matching Between Ranges3
−2
+2
%
Offset Error3
50
fF
CIN and EXC pins disconnected
Offset Deviation over Temperature3
5
fF
CIN and EXC pins disconnected
Integral Nonlinearity (INL)3
0.1
%
Channel-to-Channel Isolation3
60
dB
Power Supply Rejection3
4
fF/V
CAPDAC2
Full Range
10
12.5
pF
Resolution (LSB)3
200
fF
Differential Nonlinearity (DNL)3
0.25
LSB
AutoDAC Increment/Decrement3
25
75
% of CIN Range
EXCITATION
Voltage
±VDD/2
V
Frequency
30.9
32
32.8
kHz
Allowed Capacitance EXC to GND3
300
pF
Allowed Resistance EXC to GND3
1
LOGIC OUTPUTS (OUT1, OUT2)
Output Low Voltage (VOL)
0.4
V
ISINK = −4 mA
Output High Voltage (VOH)
VDD – 0.6
V
ISOURCE = 4 mA
SERIAL INTERFACE INPUTS (SCL, SDA)
Input High Voltage (VIH)
1.5
V
Input Low Voltage (VIL)
0.8
V
Input Leakage Current
±0.1
±5
μA
Input Pin Capacitance
6
pF
OPEN-DRAIN OUTPUT (SDA)
Output Low Voltage (VOL)
0.4
V
ISINK =
6.0 mA
Output High Leakage Current (IOH)
0.1
5
μA
VOUT = VDD
POWER SUPPLY MONITOR
VDD Threshold Voltage
2.45
2.65
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com