Electronic Components Datasheet Search
  English  ▼

X  

AD7150 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7150
Description  Converter for Proximity Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7150 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7150 Datasheet HTML 10Page - Analog Devices AD7150 Datasheet HTML 11Page - Analog Devices AD7150 Datasheet HTML 12Page - Analog Devices AD7150 Datasheet HTML 13Page - Analog Devices AD7150 Datasheet HTML 14Page - Analog Devices AD7150 Datasheet HTML 15Page - Analog Devices AD7150 Datasheet HTML 16Page - Analog Devices AD7150 Datasheet HTML 17Page - Analog Devices AD7150 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
AD7150
Rev. 0 | Page 13 of 28
AUTOCAPDAC ADJUSTMENT
In adaptive threshold mode, the part can dynamically adjust the
CAPDAC to keep the CDC in an optimal operating capacitive
range. When the AutoDAC function is enabled, the CAPDAC
value is automatically incremented when the data average
exceeds three-fourths of the CDC full range, and the CAPDAC
value is decremented when the data average goes below one-
fourth of the CDC full range. The AutoDAC increment or
decrement step depends on the selected CDC capacitive input
range. See the Setup Registers section.
POWER-DOWN TIMER
In power sensitive applications, the AD7150 can be set to
automatically enter power-down mode after a programmed
period of time in which the outputs have not been activated.
The AD7150 can be then returned to a normal operational
mode either via the serial interface or by the power supply
off/on sequence.
POWER SUPPLY MONITOR
When the AD7150 VDD power supply voltage drops below a
defined level needed for correct CDC operation, the on-chip
power supply monitor stops the adaptive threshold logic and
holds it in reset. After the VDD reaches the required level, the
threshold logic is released, and the data average is reset to the
value of the first conversion finished at the correct power supply
voltage.
This feature prevents the adaptive threshold from being set
incorrectly after a very slow rise of the VDD voltage or from
being corrupted by accidental drops in the VDD voltage.
The other AD7150 functions continue working below the
power supply monitor threshold, down to approximately
1.0V..1.8V, the exact level depending on the manufacturing
process variation. In the region of the low VDD voltage, the part is
still accessible via the serial interface and continues conversion.
However, the conversion results may be incorrect and,
therefore, the data should not be considered valid if the part
operates below the power supply monitor threshold.
The status of the power supply monitor can be determined by
reading the PwrDown bit in the AD7150 status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com