Electronic Components Datasheet Search
  English  ▼

X  

AD7873ACPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7873ACPZ
Description  Touch Screen Digitizer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7873ACPZ Datasheet(HTML) 1 Page - Analog Devices

  AD7873ACPZ Datasheet HTML 1Page - Analog Devices AD7873ACPZ Datasheet HTML 2Page - Analog Devices AD7873ACPZ Datasheet HTML 3Page - Analog Devices AD7873ACPZ Datasheet HTML 4Page - Analog Devices AD7873ACPZ Datasheet HTML 5Page - Analog Devices AD7873ACPZ Datasheet HTML 6Page - Analog Devices AD7873ACPZ Datasheet HTML 7Page - Analog Devices AD7873ACPZ Datasheet HTML 8Page - Analog Devices AD7873ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Touch Screen Digitizer
Data Sheet
AD7873
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2013 Analog Devices, Inc. All rights reserved.
FEATURES
4-wire touch screen interface
On-chip temperature sensor: −40°C to +85°C
On-chip 2.5 V reference
Direct battery measurement (0 V to 6 V)
Touch pressure measurement
Specified throughput rate of 125 kSPS
Single supply, VCC of 2.2 V to 5.25 V
Ratiometric conversion
High speed serial interface
Programmable 8-bit or 12-bit resolution
One auxiliary analog input
Shutdown mode: 1 µA maximum
16-lead QSOP, TSSOP, and LFCSP packages
APPLICATIONS
Personal digital assistants
Smart hand-held devices
Touch screen monitors
Point-of-sale terminals
Pagers
GENERAL DESCRIPTION
The AD7873 is a 12-bit successive approximation ADC with a
synchronous serial interface and low on resistance switches for
driving touch screens. The AD7873 operates from a single 2.2 V
to 5.25 V supply, with a throughput rate of 125 kSPS.
The AD7873 features direct battery measurement, temperature
measurement, and touch pressure measurement. The AD7873
also has an on-board reference of 2.5 V that can be used for the
auxiliary input, battery monitor, and temperature measurement
modes. When not in use, the internal reference can be shut
down to conserve power. An external reference can also be
applied and varied from 1 V to VCC with an analog input range
from 0 V to VREF. The device includes a shutdown mode that
reduces the current consumption to less than 1 µA.
The AD7873 features on-board switches. This, coupled with low
power and high speed operation, makes the device ideal for
battery-powered systems with resistive touch screens. The part
is available in a 16-lead, 0.15 inch quarter size outline package
(QSOP), a 16-lead, thin shrink small outline package (TSSOP),
and a 16-lead, lead frame chip scale package (LFCSP).
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
PRODUCT HIGHLIGHTS
1. Ratiometric conversion mode available, eliminating errors
due to on-board switch resistances.
2. On-board temperature sensor: −40°C to +85°C.
3. Battery monitor input.
4. Touch pressure measurement capability.
5. Low power consumption of 1.37 mW maximum with the
reference off, or 2.41 mW typical with the reference on, at
125 kSPS and VCC at 3.6 V.
6. Package options include 4 mm × 4 mm LFCSP.
7. Analog input range from 0 V to VREF.
8. Versatile serial I/O ports.
AD7873
+VCC
+VCC
PENIRQ
SPORT
DIN
DOUT
DCLK
BUSY
CS
PEN
INTERRUPT
CHARGE
REDISTRIBUTION
DAC
SAR + ADC
CONTROL LOGIC
6-TO-1
I/P
MUX
T/H
COMP
GND
TEMP
SENSOR
BATTERY
MONITOR
Y+
Y–
AUX
2.5V
REF
X+
X–
VREF
VBAT
BUF


Similar Part No. - AD7873ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7873ACPZ AD-AD7873ACPZ Datasheet
657Kb / 28P
Touch Screen Digitizer
6/04-Changed from Rev. C to Rev. D
AD7873ACPZ AD-AD7873ACPZ Datasheet
600Kb / 29P
Touch Screen Digitizer
REV. F
AD7873ACPZ AD-AD7873ACPZ Datasheet
600Kb / 29P
Touch Screen Digitizer
Rev. F
AD7873ACPZ-REEL AD-AD7873ACPZ-REEL Datasheet
600Kb / 29P
Touch Screen Digitizer
REV. F
AD7873ACPZ-REEL AD-AD7873ACPZ-REEL Datasheet
600Kb / 29P
Touch Screen Digitizer
Rev. F
More results

Similar Description - AD7873ACPZ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
High-Performance, Low Power Touch Screen Controller/Digitizer
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
High-Performance USB Touch Screen Controller / Digitizer
logo
Analog Devices
AD7873 AD-AD7873 Datasheet
657Kb / 28P
Touch Screen Digitizer
6/04-Changed from Rev. C to Rev. D
AD7843 AD-AD7843 Datasheet
194Kb / 16P
Touch Screen Digitizer
REV. 0
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
Touch Screen Digitizer
REV. F
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
Touch Screen Digitizer
REV. B
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
Touch Screen Digitizer
REV. B
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_17 Datasheet
304Kb / 21P
Touch Screen Digitizer
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com