Electronic Components Datasheet Search
  English  ▼

X  

YSS901 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # YSS901
Description  SD Stereo dipole
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

YSS901 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  YSS901 Datasheet HTML 1Page - List of Unclassifed Manufacturers YSS901 Datasheet HTML 2Page - List of Unclassifed Manufacturers YSS901 Datasheet HTML 3Page - List of Unclassifed Manufacturers YSS901 Datasheet HTML 4Page - List of Unclassifed Manufacturers YSS901 Datasheet HTML 5Page - List of Unclassifed Manufacturers YSS901 Datasheet HTML 6Page - List of Unclassifed Manufacturers YSS901 Datasheet HTML 7Page - List of Unclassifed Manufacturers YSS901 Datasheet HTML 8Page - List of Unclassifed Manufacturers YSS901 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
YSS901
3
g Pin Description
No.
Pin name
I/O
Function
5
DVDD
-
Digital signal power supply : +5 V
6
CTLSEL
I
Selection of control method
7
SYNCN
I
Digital input/output synchronization signal
8
BCLK
I
Digital input/output bit clock
9
CSN
I
Serial control interface chip select signal
10
DOUT
O
Digital signal output
11
DIN
I
Digital signal input
12
DSEL2
I
Analog/digital input selection
13
DSEL1
I
Digital input/output format selection
14
DSEL0
I
Digital input/output format selection
15
DVDD
-
Digital signal power supply : +5 V
21
TST2
-
Test (To be open.)
22
DVSS
-
Digital signal ground
23
AVSS
-
Analog signal ground
24
AIRRET
AO
Right channel analog signal input return
25
AIROUT
AO
Right channel analog signal input out
26
AIR
AI
Right channel analog signal input
27
AILRET
AO
Left channel analog signal input return
28
AILOUT
AO
Left channel analog signal input out
29
AIL
AI
Left channel analog signal input
30
VREF
AI
Analog signal VREF
31
AVDD
-
Analog signal power supply : +5 V
37
LOUT
AO
Left channel analog signal output
38
ROUT
AO
Right channel analog signal output
39
PLLC
AI
PLL auxiliary input
40
AVSS
-
Analog signal ground
41
EXTAL
I
Crystal clock input
42
XTAL
O
Crystal clock output
43
DVSS
-
Digital signal ground
44
TSTCK
-
Test (Connect with DVSS.)
45
TST1
-
Test (To be open.)
46
TSTNI
I
Test (Connect with DVSS.)
47
TSTNO
O
Test (To be open.)
53
DVDD
-
Digital signal power supply: +5 V
54
TSTSEL
-
Test (Connect with DVSS.)
55
CSEL2
I
Coefficient selection (Enabled when CTLSEL = 0)
56
CSEL1
I
Coefficient selection (Enabled when CTLSEL = 0)
57
CSEL0
I
Coefficient selection (Enabled when CTLSEL = 0)
58
RESETN
I
Reset signal input
59
BSFT1
I
Bit shift selection (Enabled when CTLSEL = 0)
60
BSFT0
I
Bit shift selection (Enabled when CTLSEL = 0)
61
SCK
I
Serial control interface clock input
62
SI
I
Serial control interface data input
63
DVSS
-
Digital signal ground
Notes:
1. Pins of No. 1 to 4, 16 to 20, 32 to 36, 48 to 52 and 64 are to be open.
2.
I: input pin
O: output pin
AI: analog signal input pin
AO: analog output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com