Electronic Components Datasheet Search
  English  ▼

X  

YSS901 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # YSS901
Description  SD Stereo dipole
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

YSS901 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button YSS901 Datasheet HTML 5Page - List of Unclassifed Manufacturers YSS901 Datasheet HTML 6Page - List of Unclassifed Manufacturers YSS901 Datasheet HTML 7Page - List of Unclassifed Manufacturers YSS901 Datasheet HTML 8Page - List of Unclassifed Manufacturers YSS901 Datasheet HTML 9Page - List of Unclassifed Manufacturers YSS901 Datasheet HTML 10Page - List of Unclassifed Manufacturers YSS901 Datasheet HTML 11Page - List of Unclassifed Manufacturers YSS901 Datasheet HTML 12Page - List of Unclassifed Manufacturers YSS901 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
YSS901
9
g Electrical Characteristics
1. Absolute Maximum Rating
Items
Symbol
Min.
Max.
Unit
Power supply Voltage
VDD
Vss-0.5
Vss+7.0
V
Input Voltage
VI
Vss-0.5
VDD1+0.5
V
Input Current
II
-20
+20
mA
Storage Temperature
Tstg
-50
125
C
2. Recommended Operating Conditions
Items
Symbol
Min.
Typ.
Max.
Unit
Power supply Voltage
VDD
4.75
5.0
5.25
V
Operating Temperature
Top
0
25
70
C
3. DC Characteristics (Condition: Under Recommended Operating Conditions)
Items
Symbol
Condition
Min.
Typ.
Max.
Unit
Input Voltage H level
VIH2
*1
2.2
V
Input Voltage L level
VIL2
*1
0.8
V
Output Voltage H level
VOH
IOH = -80
mA *2
VDD1-1.0
V
Output Voltage L level
VOL
IOL = 1.6 mA
*2
0.4
V
Output Capacitance
CO
*2
50
pF
Power Consumption
PD
500
mW
*1 Applicable to input terminals other than analog terminals
*2 Applicable to output terminals other than analog terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com