Electronic Components Datasheet Search
  English  ▼

X  

DX85 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DX85
Description  pcb power relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DX85 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DX85 Datasheet HTML 1Page - Willow Technologies Ltd DX85 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DX85
pcb power relay
Contacts
Contact number & arrangement
SPST-NO (1 N/O), SPDT (1 C/O)
Contact material
AgNi 90/10, AgSnO
2
Max. switching voltage
AC/DC 440VAC / 125VDC
Max. switching power
4000VA
Min. switching current / voltage
100mA/12VDC
Rated load
AC1 16A, 250VAC
DC1 16A, 30VDC
Initial resistance
100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 5...110V
AC
Must release voltage
DC ≥ 0.1Un
AC
Operating range of supply voltage
See coil table 1
Rated power consumption
DC 400mW
AC
Insulation
Insulation resistance
≤ 1000MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 5000Vrms, 1min
contact to contact 1000Vrms, 1min
General Data
Operating time (typical)
mS ≤ 15ms
Release time (typical)
mS ≤ 8ms
Electrical Life
ops ≥ 1 x 105
Mechanical life
ops ≥ 1 x 107
Dimensions
L x W x H 29 x 12.7 x 15.7mm
Weight
13.5g
Ambient temperature
storage -40 to 85°C
operating -40 to 85°C
Shock resistance
Functional: 100m/s2; Destructive: 1000m/s2
Vibration resistance
DA 1.5mm 10-55Hz
• miniature pcb power relay
• Up to 16A @ 28VDC or 230VAC
• industry standard style
• Cost effective
• RoHS Compliant
Ref: DX85 012115JHM
Specifications are subject to change without notice. E&OE.
E305753


Similar Part No. - DX85

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DX85 AEC-DX85 Datasheet
188Kb / 2P
industry standard style
logo
Solid State Supplies.
DX85-2011-25-1005 DURAKOOL-DX85-2011-25-1005 Datasheet
694Kb / 2P
PCB Power Relay
DX85-2011-25-1006 DURAKOOL-DX85-2011-25-1006 Datasheet
694Kb / 2P
PCB Power Relay
DX85-2011-25-1009 DURAKOOL-DX85-2011-25-1009 Datasheet
694Kb / 2P
PCB Power Relay
DX85-2011-25-1012 DURAKOOL-DX85-2011-25-1012 Datasheet
694Kb / 2P
PCB Power Relay
More results

Similar Description - DX85

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
Power PCB Relay
logo
Omron Electronics LLC
G4W OMRON-G4W Datasheet
180Kb / 6P
PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
Power PCB Relay
G8PT OMRON-G8PT Datasheet
2Mb / 8P
Power PCB Relay
G2R-K-1AZ4-TE OMRON-G2R-K-1AZ4-TE Datasheet
2Mb / 14P
PCB Power Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
Power PCB Relay
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
Power PCB Relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
pcb power relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com