Electronic Components Datasheet Search
  English  ▼

X  

DX85 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DX85
Description  pcb power relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DX85 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DX85 Datasheet HTML 1Page - Willow Technologies Ltd DX85 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DX85
pcb power relay
Ref: DX85 012115JHM
Coil Data (DC voltage 400mW)
Table 1
Coil Voltage Code
Nominal Voltage (VDC)
Coil Resistance (Ω)
±10%
Must operate voltage
max. (VDC)
Must release voltage
min. (VDC)
1005
5
62
3.5
0.5
1006
6
90
4.2
0.6
1009
9
202
6.3
0.9
1012
12
360
8.4
1.2
1018
18
810
12.6
1.8
1024
24
1440
16.8
2.4
1048
48
5760 ±15%
33.6
4.8
1060
60
7500 ±15%
42.0
6.0
1110
110
25200 ±15%
77.0
11.0
Page 2 of 2
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Overall Dimensions
Fig. 1
PCB Mounting Dimensions
Fig. 2
Wiring Diagrams (Bottom View)
Mounting Holes (Bottom View)
Dimensions in mm
Ordering codes
Type
Contact Material
Contact
arrangement
Cover protection
and mounting
Coil code
D
X
8
5
-
-
5
-
Contact material
see Table 1
20
-
AgNi 90/10
30
-
AgSnO
2
Contact arrangement
11
-
SPDT (1 C/O)
21
-
SPST-NO (1 N/O)
Cover protection category
2
-
in cover, flux tight - IP40
3
-
in cover, sealed - IP67
Connection mode
5
-
for PCB
Specifications are subject to change without notice. E&OE.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com