Electronic Components Datasheet Search
  English  ▼

X  

SCA00HD Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # SCA00HD
Description  AC Solid-State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

SCA00HD Datasheet(HTML) 1 Page - Willow Technologies Ltd

  SCA00HD Datasheet HTML 1Page - Willow Technologies Ltd SCA00HD Datasheet HTML 2Page - Willow Technologies Ltd SCA00HD Datasheet HTML 3Page - Willow Technologies Ltd SCA00HD Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
CA 1
CA\042003\Q1
1A, 250 Vrms Optically Isolated
AC Solid-State Relay
FEATURES/BENEFITS
• Optical Isolation: Isolates control
elements from load transients.
• Low Zero Cross Window: Minimizes
switching transients and lowers
EMI. Ideal as an SCR or TRIAC
driver.
• Fully Floating Output: Eliminates
ground potential loops
• Meets MIL-STD-704 Requirements
for Relay Outputs: Allows relay to
be used in avionic systems without
external transient protection.
• Buffered Control: Relay can be
controlled directly from TTL or
CMOS logic circuits.
• Low-Profile Ceramic DIP Package:
Allows high-density packaging for
through-hole and surface-mount
applications.
DESCRIPTION
The Series CA is designed for printed
circuit board mounting in AC power
switching applications. The relay is
rated for 1A at 250 Vrms from 40 to
440 Hz for resistive and reactive loads
with power factors as low as 0.2.
Inverse parallel SCRs are configured
for zero voltage turn on. The patented
circuit design assures the lowest
possible
EMI
by
reducing
commutation spikes. Optical isolation
allows a floating output with 1200 Vac
isolation between the control (input)
and load (output). This allows low
level logic circuits to safely control AC
loads.The low profile ceramic DIP
package is hermetically sealed to
withstand
severe
environmental
conditions encountered in military and
aerospace applications. This relay is
available with conventional leads for
through-hole PCB mounting or with
gull wing leads for surface mount
applications.
Series CA
Part Number* Relay Description
CA00HD
1A, 250 Vrms, AC Solid-State Relay
with dual in-line terminals.
SCA00HD
1A, 250 Vrms, AC Solid-State Relay
with gull wing surface mount terminals.
* The Y suffix denotes parameters tested to MIL-PRF-28750 test methods.
The W suffix denotes parameters tested to Teledyne specifications.
ELECTRICAL SPECIFICATIONS
(-55°C TO +105°C UNLESS OTHERWISE SPECIFIED)
INPUT (CONTROL) CHARACTERISTICS
2 Terminal Configuration (See Fig. 1)
Min
Max
Units
Input Voltage
3.8
32
Vdc
Input Current (See Figure 1)
V
IN = 5 Vdc
13
15
mA
V
IN=32 Vdc
13
18
mA
Turn-Off Voltage (Guaranteed Off)
1.5
Vdc
Turn-On Voltage (Guaranteed On)
3.8
Vdc
Reverse Voltage Protection
-32
Vdc
BLOCK DIAGRAM


Similar Part No. - SCA00HD

ManufacturerPart #DatasheetDescription
logo
Skeleton Technologies. ...
SCA0300 SKELETON-SCA0300 Datasheet
378Kb / 3P
SKELCAP ULTRACAPACITOR 300F 2.85
2022
More results

Similar Description - SCA00HD

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y Datasheet
122Kb / 4P
AC Solid State Relay
CPC1965G CLARE-CPC1965G Datasheet
121Kb / 4P
AC Solid State Relay
logo
List of Unclassifed Man...
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
AC Solid State Relay
logo
Sensitron
SCP-5285 SENSITRON-SCP-5285 Datasheet
55Kb / 3P
AC SOLID STATE RELAY
logo
celduc-relais
STA07220 CELDUC-STA07220 Datasheet
79Kb / 2P
AC Solid State Relay
logo
Clare, Inc.
CPC1945G CLARE-CPC1945G_1 Datasheet
93Kb / 4P
AC Solid State Relay
CPC1945Y CLARE-CPC1945Y_1 Datasheet
92Kb / 4P
AC Solid State Relay
CPC1961 CLARE-CPC1961 Datasheet
115Kb / 6P
AC Solid State Relay
logo
Solid State Optronic
STR8042 SSOUSA-STR8042 Datasheet
373Kb / 8P
AC Solid State Relay
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
AC Solid State Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com