Electronic Components Datasheet Search
  English  ▼

X  

SCA00HD Datasheet(PDF) 4 Page - Willow Technologies Ltd

Part # SCA00HD
Description  AC Solid-State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

SCA00HD Datasheet(HTML) 4 Page - Willow Technologies Ltd

  SCA00HD Datasheet HTML 1Page - Willow Technologies Ltd SCA00HD Datasheet HTML 2Page - Willow Technologies Ltd SCA00HD Datasheet HTML 3Page - Willow Technologies Ltd SCA00HD Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CA 4
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2003 TELEDYNE RELAYS
CA\042003\Q1
Series CA
NOTES:
1. To increase the dV/dt characteristic to 200V/µs, use an RC snubber across the output terminals with R =100 and C = 0.01 µF.
2. Control input is compatible with CMOS or open collector TTL (with pull up resistor).
3. For bias voltages above 6V, a series resistor is required. Use a standard resistor value equal to or less than the value found from
Figure 5.
4. Output may temporarily lose blocking capability during and after a surge, until T
J falls below maximum.
5. Input transition should be ≤ 1 msec duration and input drive should be “bounceless contact” type.
6. Unless otherwise noted, the input voltage for functional tests shall be 5 Vdc.
MAXIMUM VOLTAGE DROP VS AMBIENT
TEMPERATURE AT I
L RATED
FIGURE 4
SERIES LIMIT BIAS RESISTOR VS BIAS VOLTAGE
FIGURE 5 (SEE NOTE 3)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com