Electronic Components Datasheet Search
  English  ▼

X  

IPMC-111PB Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # IPMC-111PB
Description  Industrial mini type Ethernet to fiber PoE media converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IPMC-111PB Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  IPMC-111PB Datasheet HTML 1Page - ORing Industrial Networking Corp IPMC-111PB Datasheet HTML 2Page - ORing Industrial Networking Corp IPMC-111PB Datasheet HTML 3Page - ORing Industrial Networking Corp IPMC-111PB Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2-65
Designed for Rugged Excellence
2-65
IPMC-111PB
Industrial mini type Ethernet to fiber PoE media converter with
1x10/100Base-T(X) P.S.E. and 1x100Base-FX, SFP socket
▪ Supports 1 port 10/100Base-T(X) P.S.E. auto-negotiation and auto-MDI/MDI-X
▪ Support Ethernet to fiber or Ethernet to SFP port
▪ Support LFP (Link Fault Pass-through) function
▪ Supports full/half duplex operation
▪
P.S.E. fully compliant with IEEE802.3at standard, provide up to 30 Watts
▪ Supports store and forward transmission
▪ Provided DIP-Switch to setting function
▪ High reliability and rigid IP-30 housing
▪ DIN-Rail and wall mounting enabled
Introduction
IPMC-111PB is a cost-effective solution for the conversion interface between 10/100Base-T(X) and 100Base-FX, it allows you to extend communication
distance by optical fiber. IPMC-111PB supports MDI/MDIX auto detection, so you don’t need to use crossover wires. IPMC-111PB also support Power
over Ethernet, a system to transmit electrical power up to 30 watts, along with data, to remote devices over standard twisted-pair cable in an Ethernet
network. Each IPMC-111PB has 1x10/100Base-T(X) P.S.E. (Power Sourcing Equipment) port to provide power in a PoE setup. IPMC-111PB with wide operating
temperature range from -40 ~ 75℃ and accepts a wide voltage range from dual 50~57 VDC power inputs, so it is suitable for harsh operating environments.
IPMC-111PB also supports the LFP (Link Fault Pass-through) feature. When one side of the link fails, the other side continues transmitting packets,
and waiting for a response that never arrives from the disconnected side. Use the DIP-Switch to enable the LFP function, then IPMC-111PB will force the link
to shutdown as soon as noticed that the other link has failed, to notice the administrator to react to the situation. Therefore, the IPMC-111PB is reliable media
converter with PoE capability and can satisfy most demand of operating environment.
Connections of the LFP function
Features
Industrial Media Converter DIN-Rail Ethernet to Fiber PoE Media Converter
v2.0 / Dec, 2011
Normal Status
One Line Broken and N/A LFP function : Server always for answer
One Line Broken and LFP Function Enable : Server Can be detect warning event
Waiting
Warning
Link-up
Link-up
Link-up
Link-up
Link-Down
Link-Down
Link-up
Break
Break
IPMC-111PB


Similar Part No. - IPMC-111PB

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IPMC-111PB-60W ORING-IPMC-111PB-60W Datasheet
1Mb / 4P
Industrial mini type Ethernet to fiber High power PoE media converter
More results

Similar Description - IPMC-111PB

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RGMC-111GPB ORING-RGMC-111GPB Datasheet
862Kb / 3P
Industrial Rack mount card type Ethernet to fiber media converter
IGMC-111GP ORING-IGMC-111GP Datasheet
342Kb / 5P
Industrial Gigabit Ethernet to fiber media converter
IGMC-111GPB ORING-IGMC-111GPB Datasheet
791Kb / 4P
Industrial mini type Gigabit Ethernet to fiber media converter
IGMC-1011GF ORING-IGMC-1011GF Datasheet
1Mb / 3P
Industrial slim type Gigabit Ethernet to fiber media converter
IGPMC-111GP ORING-IGPMC-111GP Datasheet
347Kb / 5P
Industrial Gigabit PoE Ethernet to fiber media converter
IMC-111FB ORING-IMC-111FB Datasheet
742Kb / 4P
Industrial mini type Ethernet to fiber media converter
IMC-121FB ORING-IMC-121FB Datasheet
611Kb / 3P
Industrial mini type Ethernet to fiber media converter
IPMC-111PB-60W ORING-IPMC-111PB-60W Datasheet
1Mb / 4P
Industrial mini type Ethernet to fiber High power PoE media converter
ITGMC-111GP ORING-ITGMC-111GP Datasheet
955Kb / 3P
Industrial Gigabit Ethernet to fiber media converter
logo
List of Unclassifed Man...
HEMC2G ETC2-HEMC2G Datasheet
517Kb / 3P
Industrial Gigabit Ethernet to Fiber Media Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com