Electronic Components Datasheet Search
  English  ▼

X  

IPMC-111PB Datasheet(PDF) 3 Page - ORing Industrial Networking Corp

Part # IPMC-111PB
Description  Industrial mini type Ethernet to fiber PoE media converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IPMC-111PB Datasheet(HTML) 3 Page - ORing Industrial Networking Corp

  IPMC-111PB Datasheet HTML 1Page - ORing Industrial Networking Corp IPMC-111PB Datasheet HTML 2Page - ORing Industrial Networking Corp IPMC-111PB Datasheet HTML 3Page - ORing Industrial Networking Corp IPMC-111PB Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2-67
Designed for Rugged Excellence
2-67
v2.0 / Dec, 2011
Industrial Media Converter DIN-Rail Ethernet to Fiber PoE Media Converter
ORing Media Converter Model
IPMC-111PB
Physical Ports
10/100 Base-T(X) with P.S.E. Port in RJ45 Auto MDI/
MDIX
1
100/1000Base-X SFP port
1
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX and 100Base-FX
IEEE 802.3x for Flow control
IEEE 802.3at PoE specification (up to 30 Watts per port for P.S.E.)
Processing
Store-and-Forward
LED indicators
Power indicator
Green : Power LED x 2 (ON : power input on-line / (OFF) power input off-line
10/100Base-T(X) RJ45 port indicator
Green for port Link/Act – (ON) Link up / (Blinking) Acting / (OFF) 10Mbps or Link down
Green for port duplex indicator – (ON) Full-Duplex / (OFF) Half-Duplex
100Base-FX fiber port indicator
Green for fiber port Link/Act - (ON) Link up / (Flash) Acting / (OFF) Link down
Green for fiber port duplex indicator – (ON) Full-Duplex / (OFF) Half-Duplex
LFP state indicator
Amber LED – (ON) LFP function happen / (OFF) LFP function disable
PoE indicator
Green for P.S.E. indicator
DIP Switch for function
DIP-Switch setting
DIP-Switch 1 for LFP mode selection : (ON) enable / (OFF) disable
DIP-Switch 2 for Ethernet speed selection : (ON)10Mbps / (OFF) 10/100Mbps Auto-negotiate
DIP-Switch 3 for Ethernet full/half duplex selection : (ON) Half-duplex / (OFF) Full/Half-Duplex Auto-negotiate
DIP-Switch 4 for fiber full/half duplex selection : (ON) Half-Duplex / (OFF) Full-Duplex
Power
Input power
Dual 50~57 VDC voltage power inputs at 4-pin terminal block
Power consumption (Typ.)
3 Watts (Not include P.D’s device)
Overload current protection
Present
Reverse polarity protection
Present
Physical Characteristic
Enclosure
IP-30
Dimension (W x D x H)
26.1 (W) x 70 (D) x 95 (H)mm (1.03 x 2.76 x 3.74 inch)
Weight (g)
228g
Environmental
RJ-45 Output (Data and Power)
Pin
Symbol
Description
1
Rx+ (Vdc+)
Data Receive and Feeding power(+)
2
Rx- (Vdc+)
Data Receive and Feeding power(+)
3
Tx+ (Vdc-)
Data Transmit and Feeding power(-)
4
NC
Not Connected
5
NC
Not Connected
6
Tx- (Vdc-)
Data Transmit and Feeding power(-)
7
NC
Not Connected
8
NC
Not Connected
Specifications
Connector and Pin Definition
Note: pins 3 and 6 (-Vdc) should not be shorted to ground
11
10/100Base-T(X) P.S.E. RJ-45 port



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com