Electronic Components Datasheet Search
  English  ▼

X  

GRDASPA1.23 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # GRDASPA1.23
Description  Architectural lighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GRDASPA1.23 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button GRDASPA1.23 Datasheet HTML 10Page - OSRAM GmbH GRDASPA1.23 Datasheet HTML 11Page - OSRAM GmbH GRDASPA1.23 Datasheet HTML 12Page - OSRAM GmbH GRDASPA1.23 Datasheet HTML 13Page - OSRAM GmbH GRDASPA1.23 Datasheet HTML 14Page - OSRAM GmbH GRDASPA1.23 Datasheet HTML 15Page - OSRAM GmbH GRDASPA1.23 Datasheet HTML 16Page - OSRAM GmbH GRDASPA1.23 Datasheet HTML 17Page - OSRAM GmbH GRDASPA1.23 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
2017-06-05
14
Version 1.5
GR DASPA1.23
Reflow Soldering Profile
Reflow-Lötprofil
0
0
s
OHA04525
50
100
150
200
250
300
50
100
150
200
250
300
t
T
˚C
S
t
t
P
t
T
p
240 ˚C
217 ˚C
245 ˚C
25 ˚C
L
OHA04612
Profile Feature
Profil-Charakteristik
Ramp-up rate to preheat*)
25 °C to 150 °C
2
3
K/s
Time t
S
T
Smin to TSmax
t
S
t
L
t
P
T
L
T
P
100
120
60
10
20
30
80
100
217
2
3
245
260
3
6
Time
25 °C to T
P
Time within 5 °C of the specified peak
temperature T
P - 5 K
Ramp-down rate*
T
P
to
100 °C
All temperatures refer to the center of the package, measured on the top of the component
* slope calculation DT/Dt: Dt max. 5 s; fulfillment for the whole T-range
Ramp-up rate to peak*)
T
Smax
to
T
P
Liquidus temperature
Peak temperature
Time above liquidus temperature
Symbol
Symbol
Unit
Einheit
Pb-Free (SnAgCu) Assembly
Minimum
Maximum
Recommendation
K/s
K/s
s
s
s
s
°C
°C
480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com