Electronic Components Datasheet Search
  English  ▼

X  

AD5252 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5252
Description  Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5252 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5252 Datasheet HTML 20Page - Analog Devices AD5252 Datasheet HTML 21Page - Analog Devices AD5252 Datasheet HTML 22Page - Analog Devices AD5252 Datasheet HTML 23Page - Analog Devices AD5252 Datasheet HTML 24Page - Analog Devices AD5252 Datasheet HTML 25Page - Analog Devices AD5252 Datasheet HTML 26Page - Analog Devices AD5252 Datasheet HTML 27Page - Analog Devices AD5252 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD5251/AD5252
Rev. 0 | Page 24 of 28
U1
V1
RSENSE
0.1k
Ω
RDAC1
10k
Ω
RDAC3
10k
Ω
B
B
AD5252
AD8628
U2
VO
VREF
+5V
V+
V–
V2
APPLICATIONS
LCD PANEL VCOM ADJUSTMENT
Large LCD panels usually require an adjustable VCOM voltage
centered around 6 V to 8 V with ±1 V swing and small steps
adjustment. This example represents common DAC appli-
cations where the window of adjustments is small and centered
at any level. High voltage and high resolution DACs can be used
but it is far more cost-effective to use low voltage digital
potentiometers with level shifting, such as the AD5251 or
AD5252, to achieve the objective.
Assume a VCOM voltage requirement of 6 V ±1 V with a ±20 mV
step adjustment, as shown in Figure 44. The AD5252 can be
configured in voltage divider mode with an op amp gain. With
±20% tolerance accounted for by the AD5252, this circuit can
still be adjusted from 5 V to 7 V with an 8 mV/step in the
worst case.
Figure 45. Current-Sensing Amplifier.
ADJUSTABLE HIGH POWER LED DRIVER
Figure 46 shows a circuit that can drive three to four high power
LEDs. The ADP1610 is an adjustable boost regulator that
provides adequate headroom and current for the LEDs. Because
its FB pin voltage is 1.2 V, the digital potentiometer AD5252
and the op amp form an average gain of 12 feedback networks
that servo the sensing and feedback voltages. As a result, the
voltage across RSET is regulated around 0.1 V, depending on the
AD5252’s setting. An adjustable LED current is
VDD
U1
U2
VCOM
+5V
R2
10k
R4
6k
R3
18.5k
R5
1k
R1
350k
C1
2.2p
B
AD5252
+14.4V
+14.4V
±20%
±1%
6V
± 1V
V+
V–
SET
R
LED
R
V
I
SET
=
(9)
RSET should be small to conserve power but large enough to
limit the maximum LED current. R3 should also be used in
parallel with the AD5252 to limit the LED current within an
achievable range.
Figure 44. Apply 5 V Digital Potentiometer AD5251 in a 6 V ±1 V Application.
/SD
SW
FB
COMP
SS
RT
GND
IN
PWM
CC
390pF
CSS
10nF
RO
100k
Ω
RSET
0.25k
Ω
10k
Ω
W
BA
C8
0.1
µF
AD5252
ADP1610
VOUT
AD8591
U3
U1
U2
U1
+5V
+5V
V+
V–
R3
200
Ω
R2
1.1k
Ω
R1
100
Ω
R4
13.5k
Ω
C3
10
µF
C2
10
µF
D1
D1
D2
D3
L1
10
µF
CURRENT-SENSING AMPLIFIER
The dual channel, synchronous update, and channel-to-channel
resistance matching characteristics make the AD5251/AD5252
suitable for current sensing applications, such as LED
brightness control. In the circuit shown in Figure 45, when
RDAC1 and RDAC3 are programmed to the same settings, it
can be shown that
()
REF
N
o
V
V
V
D
D
V
+
−
−
=
1
2
2
(8)
As a result, the current through a sense resistor connected
between V1 and V2 can be known. The programmability of this
circuit makes it adaptable to systems that require different sen-
sitivities. If the op amp has very low offset and low bias current,
the major source of error comes from the digital potentiometer
channel-to-channel resistance mismatch, which is typically
0.15%. The circuit accuracy is about 9 bits, which is adequate
for LED control and other general purpose applications.
Figure 46. High Power Adjustable LED Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com