Electronic Components Datasheet Search
  English  ▼

X  

AD5251 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5251
Description  Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5251 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5251 Datasheet HTML 2Page - Analog Devices AD5251 Datasheet HTML 3Page - Analog Devices AD5251 Datasheet HTML 4Page - Analog Devices AD5251 Datasheet HTML 5Page - Analog Devices AD5251 Datasheet HTML 6Page - Analog Devices AD5251 Datasheet HTML 7Page - Analog Devices AD5251 Datasheet HTML 8Page - Analog Devices AD5251 Datasheet HTML 9Page - Analog Devices AD5251 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5251/AD5252
Rev. 0 | Page 6 of 28
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
Dual-Supply Power Range
VDD/VSS
±2.25
±2.75
V
Positive Supply Current
IDD
VIH = VDD or VIL = GND
5
15
µA
Negative Supply Current
ISS
VIH = VDD or VIL = GND, VDD = +2.5 V, VSS
= -2.5 V
−5
−15
µA
EEMEM Data Storing Mode
Current
IDD_STORE
VIH = VDD or VIL = GND, TA = 0°C to 85°C
35
mA
EEMEM Data Restoring Mode
Current6
IDD_RESTORE
VIH = VDD or VIL = GND, TA = 0°C to 85°C
2.5
mA
Power Dissipation7
PDISS
VIH = VDD = 5 V or VIL = GND
0.075
mW
Power Supply Sensitivity
PSS
∆VDD = 5 V ±10%
−0.005
+0.002
+0.005
%/%
∆VDD = 3 V ±10%
−0.01
+0.002
+0.01
%/%
DYNAMIC CHARACTERISTICS5, 8
–3 dB Bandwidth
BW
RAB = 10 kΩ/50 kΩ/100 kΩ
400/80/40
kHz
Total Harmonic Distortion
THDW
VA = 1 Vrms, VB = 0 V, f = 1 kHz
0.05
%
VW Settling Time
tS
VA = VDD, VB = 0 V, RAB = 10 kΩ/50
kΩ/100 kΩ
1.5/7/14
µs
Resistor Noise Voltage
eN_WB
10 kΩ/50 kΩ/100 kΩ, code = midscale,
f = 1 kHz (thermal noise only)
9/20/29
nV/√Hz
Digital Crosstalk
CT
VA = VDD, VB = 0 V, Measure VW with
adjacent RDAC making full scale
change
-80
dB
Analog Coupling
CAT
Signal input at A1 and measure output
at W3, f = 1kHz
-72
dB
1 Typical represents the average reading at 25°C and VDD = 5 V.
2 Resistor position nonlinearity error (R-INL) is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic, except R-DNL of AD5252 1 kΩ
version at VDD = 2.7 V, IW = VDD/R for both VDD = 3 V or VDD = 5 V.
3 INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter. VA = VDD and VB = 0 V. DNL
specification limits of ±1 LSB maximum are guaranteed monotonic operating conditions.
4 Resistor Terminals A, B, and W have no limitations on polarity with respect to each other.
5 Guaranteed by design and not subject to production test.
6 cmd 0 NOP should be activated after cmd 1 to minimize IDD_READ current consumption.
7 PDISS is calculated from IDD × VDD = 5 V.
8 All dynamic characteristics use VDD = 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com