Electronic Components Datasheet Search
  English  ▼

X  

ADG901 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG901
Description  Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG901 Datasheet(HTML) 3 Page - Analog Devices

  ADG901 Datasheet HTML 1Page - Analog Devices ADG901 Datasheet HTML 2Page - Analog Devices ADG901 Datasheet HTML 3Page - Analog Devices ADG901 Datasheet HTML 4Page - Analog Devices ADG901 Datasheet HTML 5Page - Analog Devices ADG901 Datasheet HTML 6Page - Analog Devices ADG901 Datasheet HTML 7Page - Analog Devices ADG901 Datasheet HTML 8Page - Analog Devices ADG901 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. A
ADG901/ADG902
–3–
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +4 V
Inputs to GND . . . . . . . . . . . . . . . . . . –0.5 V to VDD + 0.3 V
2
Continuous Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 mA
Input Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 dBm
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
MSOP Package
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 206
°C/W
LFCSP Package
JA Thermal Impedance (2-layer board) . . . . . . . . . . 84
°C/W
JA Thermal Impedance (4-layer board) . . . . . . . . . . 48
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . . . 300
°C
IR Reflow, Peak Temperature (<20 sec) . . . . . . . . . . . . 235
°C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 kV
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2 RF1/2 Off Port Inputs to Ground ................................... –0.5 V to V
DD – 0.5 V
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADG901/ADG902 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
ADG901BRM
–40
°C to +85°CMini Small Outline Package (MSOP)
RM-8
W6B
ADG901BRM-500RL7
–40
°C to +85°CMini Small Outline Package (MSOP)
RM-8
W6B
ADG901BRM-REEL7
–40
°C to +85°CMini Small Outline Package (MSOP)
RM-8
W6B
ADG901BCP-500RL7
–40
°C to +85°CLead Frame Chip Scale Package (LFCSP)
CP-8
W6B
ADG901BCP-REEL7
–40
°C to +85°CLead Frame Chip Scale Package (LFCSP)
CP-8
W6B
ADG902BRM
–40
°C to +85°CMini Small Outline Package (MSOP)
RM-8
W7B
ADG902BRM-500RL7
–40
°C to +85°CMini Small Outline Package (MSOP)
RM-8
W7B
ADG902BRM-REEL7
–40
°C to +85°CLead Frame Chip Scale Package (LFCSP)
RM-8
W7B
ADG902BCP-500RL7
–40
°C to +85°CLead Frame Chip Scale Package (LFCSP)
CP-8
W7B
ADG902BCP-REEL7
–40
°C to +85°CLead Frame Chip Scale Package (LFCSP)
CP-8
W7B
EVAL-ADG901EB
Evaluation Board
EVAL-ADG902EB
Evaluation Board
Table I. Truth Table
CTRL
Signal Path
0
RF1 isolated from RF2
1
RF1 to RF2
PIN CONFIGURATION
8-Lead MSOP (RM-8)
8-Lead 3 mm
3 mm LFCSP (CP-8)
TOP VIEW
(Not to Scale)
1
VDD
CTRL
GND
RF1
ADG901/
ADG902
GND
GND
RF2
GND
2
3
4
8
7
6
5
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1VDD
Power Supply Input. These parts can
be operated from 1.65 V to 2.75 V;
VDD should be decoupled to GND.
2
CTRL
CMOS or TTL Logic Level.
0
➞ RF1 Isolated from RF2
1
➞ RF1 to RF2
3, 5, 6, 7
GND
Ground Reference Point for All
Circuitry on the Part.
4
RF1
RF1 Port.
8
RF2
RF2 Port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com