Electronic Components Datasheet Search
  English  ▼

X  

ADT7460 Datasheet(PDF) 29 Page - Analog Devices

Part # ADT7460
Description  dB COOL Remote Thermal Controller and Fan Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7460 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADT7460 Datasheet HTML 25Page - Analog Devices ADT7460 Datasheet HTML 26Page - Analog Devices ADT7460 Datasheet HTML 27Page - Analog Devices ADT7460 Datasheet HTML 28Page - Analog Devices ADT7460 Datasheet HTML 29Page - Analog Devices ADT7460 Datasheet HTML 30Page - Analog Devices ADT7460 Datasheet HTML 31Page - Analog Devices ADT7460 Datasheet HTML 32Page - Analog Devices ADT7460 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
REV. 0
ADT7460
–29–
Table IV. ADT7460 Registers
Address
R/W
Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Lockable?
0x20
R
2.5 V Reading
9
8
7
6
5
4
3
2
0x00
0x22
R
VCC Reading
9
8
7
6
5
43
2
0x00
0x25
R
Remote 1 Temperature
9
8
7
6
5
43
2
0x80
0x26
R
Local Temperature
9
8
7
6
5
43
2
0x80
0x27
R
Remote 2 Temperature
9
8
7
6
5
43
2
0x80
0x28
R
TACH1 Low Byte
7
6
54
32
10
0x00
0x29
R
TACH1 High Byte
15
14
13
12
11
10
9
8
0x00
0x2A
R
TACH2 Low Byte
7
6
5
4
3
2
1
0
0x00
0x2B
R
TACH2 High Byte
15
14
13
12
11
10
9
8
0x00
0x2C
R
TACH3 Low Byte
7
6
5
4
3
2
1
0
0x00
0x2D
R
TACH3 High Byte
15
14
13
12
11
10
9
8
0x00
0x2E
R
TACH4 Low Byte
7
6
5
4
3
2
1
0
0x00
0x2F
R
TACH4 High Byte
15
14
13
12
11
10
9
8
0x00
0x30
R/W
PWM1 Current Duty Cycle
7
6
5
4
3
2
1
0
0xFF
0x31
R/W
PWM2 Current Duty Cycle
7
6
5
4
3
2
1
0
0xFF
0x32
R/W
PWM3 Current Duty Cycle
7
6
5
4
3
2
1
0
0xFF
0x33
R/W
Remote 1 Operating Point
7
6
5
4
3
2
1
0
0x64
YES
0x34
R/W
Local Temp Operating Point
7
6
5
4
3
2
1
0
0x64
YES
0x35
R/W
Remote 2 Operating Point
7
6
5
4
3
2
1
0
0x64
YES
0x36
R/W
Dynamic TMIN Control Reg 1
R2T
LT
R1T
PHTR2 PHTL
PHTR1 VCCPLO CYR2
0x00
YES
0x37
R/W
Dynamic TMIN Control Reg 2
CYR2
CYR2
CYL
CYL
CYL
CYR1
CYR1
CYR1
0x00
YES
0x3D
R
Device ID Register
7
6
5
4
3
2
1
0
0x27
0x3E
R
Company ID Number
7
6
5
4
3
2
1
0
0x41
0x3F
R
Revision Number
VER
VER
VER
VER
STP
STP
STP
STP
0x62
0x40
R/W
Configuration Register 1
VCC
TODIS
FSPDIS
V
I
FSPD
RDY
LOCK
STRT
0x00
YES
0x41
R
Interrupt Status Register 1
OOL
R2T
LT
R1T
3
VCC
1
2.5V
0x00
0x42
R
Interrupt Status Register 2
D2
D1
5
FAN3
FAN2
FAN1
OVT
0
0x00
0x43
R/W
VID Register
VIDSEL THLD
5
VID4
VID3
VID2
VID1
VID0
0xFF
0x44
R/W
2.5 V Low Limit
7
6
5
4
3
2
1
0
0x00
0x45
R/W
2.5 V High Limit
7
6
5
4
3
2
1
0
0xFF
0x48
R/W
VCC Low Limit
7
6
5
4
32
10
0x00
0x49
R/W
VCC High Limit
7
6
5
4
3
2
1
0
0xFF
0x4E
R/W
Remote 1 Temp Low Limit
76
54
32
10
0x81
0x4F
R/W
Remote 1 Temp High Limit
7
6
5
4
3
2
1
0
0x7F
0x50
R/W
Local Temp Low Limit
7
6
5
4
3
2
1
0
0x81
0x51
R/W
Local Temp High Limit
7
6
5
4
3
2
1
0
0x7F
0x52
R/W
Remote 2 Temp Low Limit
7
6
5
4
3
2
1
0
0x81
0x53
R/W
Remote 2 Temp High Limit
7
6
5
4
3
2
1
0
0x7F
0x54
R/W
TACH1 Minimum Low Byte
7
6
5
4
3
2
1
0
0xFF
0x55
R/W
TACH1 Minimum High Byte
15
14
13
12
11
10
9
8
0xFF
0x56
R/W
TACH2 Minimum Low Byte
7
6
5
4
3
2
1
0
0xFF
0x57
R/W
TACH2 Minimum High Byte
15
14
13
12
11
10
9
8
0xFF
0x58
R/W
TACH3 Minimum Low Byte
7
6
5
4
3
2
1
0
0xFF
0x59
R/W
TACH3 Minimum High Byte
15
14
13
12
11
10
9
8
0xFF
0x5A
R/W
TACH4 Minimum Low Byte
7
6
5
4
3
2
1
0
0xFF
0x5B
R/W
TACH4 Minimum High Byte
15
14
13
12
11
10
9
8
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com