Electronic Components Datasheet Search
  English  ▼

X  

ADAV803 Datasheet(PDF) 32 Page - Analog Devices

Part # ADAV803
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADAV803_17 Datasheet HTML 28Page - Analog Devices ADAV803_17 Datasheet HTML 29Page - Analog Devices ADAV803_17 Datasheet HTML 30Page - Analog Devices ADAV803_17 Datasheet HTML 31Page - Analog Devices ADAV803_17 Datasheet HTML 32Page - Analog Devices ADAV803_17 Datasheet HTML 33Page - Analog Devices ADAV803_17 Datasheet HTML 34Page - Analog Devices ADAV803_17 Datasheet HTML 35Page - Analog Devices ADAV803_17 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
ADAV803
Rev. A | Page 31 of 60
0
01
00
AD1
AD0
1
D7
AD1
AD0
D6
D5
D4
D3
D2
D1
D0
1
0
1
0
0
0
X
00
1
0
0
SCL
SDA
START BY
MASTER
SCL
(CONTINUED)
SDA
(CONTINUED)
FRAME 1
CHIP ADDRESS BYTE
FRAME 3
CHIP ADDRESS BYTE
FRAME 4
REGISTER DATA
FRAME 2
REGISTER ADDRESS BYTE
REPEATED START
BY MASTER
ACK. BY
ADAV803
ACK. BY
ADAV803
ACK. BY
ADAV803
STOP BY
MASTER
ACK. BY
ADAV803
R/W
R/W
Figure 54. Reading from the DAC Left Volume Register in I2C
BLOCK READS AND WRITES
The ADAV803 provides the user with the ability to write to or
read from a block of registers in one continuous operation. To
use this feature, the user has to continue providing data frames
before the stop condition. For a write operation, the register
address is automatically incremented with each additional
frame and the register data is written to that register address.
For a read operation, the register address is automatically
incremented with each additional frame, and the register data is
clocked out on that frame.
Care should be exercised when using the block read or block
write modes. For most cases, block reading or writing to a
register automatically increments the register address to point
to the next register. The exceptions to this case are the indirect
memory address registers, transmitter user bit and receiver user
bit data buffers. Using a block read or write to access these
registers does not update the absolute register address, but
instead updates the buffer address to provide the next value in
the buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com