Electronic Components Datasheet Search
  English  ▼

X  

ADAV803 Datasheet(PDF) 61 Page - Analog Devices

Part # ADAV803
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADAV803_17 Datasheet HTML 53Page - Analog Devices ADAV803_17 Datasheet HTML 54Page - Analog Devices ADAV803_17 Datasheet HTML 55Page - Analog Devices ADAV803_17 Datasheet HTML 56Page - Analog Devices ADAV803_17 Datasheet HTML 57Page - Analog Devices ADAV803_17 Datasheet HTML 58Page - Analog Devices ADAV803_17 Datasheet HTML 59Page - Analog Devices ADAV803_17 Datasheet HTML 60Page - Analog Devices ADAV803_17 Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 61 / 61 page
background image
ADAV803
Rev. A | Page 60 of 60
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BCD
TOP VIEW
(PINS DOWN)
1
16
17
33
32
48
49
64
0.27
0.22
0.17
0.50
BSC
LEAD PITCH
12.20
12.00 SQ
11.80
PIN 1
1.60
MAX
0.75
0.60
0.45
10.20
10.00 SQ
9.80
VIEW A
0.20
0.09
1.45
1.40
1.35
0.08
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
0.15
0.05
7°
3.5°
0°
Figure 55. 64-Lead Low Profile Quad Flat Package [LQFP]
(ST-64-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Control
Interface
DAC Outputs
Package Description
Package
Option
ADAV803ASTZ1
−40°C to +85°C
I2C
Single-Ended
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
ADAV803ASTZ-REEL1
−40°C to +85°C
I2C
Single-Ended
64-Lead Low Profile Quad Flat Package [LQFP]
ST-64-2
EVAL-ADAV803EBZ1
Evaluation Board
1 Z = RoHS Compliant Part.
Purchase of licensed I²C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I²C
Patent Rights to use these components in an I²C system, provided that the system conforms to the I²C Standard Specification as defined by Philips.
©2004–2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04756-0-7/07(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com