Electronic Components Datasheet Search
  English  ▼

X  

ADT7301 Datasheet(PDF) 6 Page - Analog Devices

Part # ADT7301
Description  13-Bit, Digital Temperature Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7301 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADT7301 Datasheet HTML 2Page - Analog Devices ADT7301 Datasheet HTML 3Page - Analog Devices ADT7301 Datasheet HTML 4Page - Analog Devices ADT7301 Datasheet HTML 5Page - Analog Devices ADT7301 Datasheet HTML 6Page - Analog Devices ADT7301 Datasheet HTML 7Page - Analog Devices ADT7301 Datasheet HTML 8Page - Analog Devices ADT7301 Datasheet HTML 9Page - Analog Devices ADT7301 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ADT7301
Rev. B | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
V
DD to GND
−0.3 V to +7 V
Digital Input Voltage to GND
−0.3 V to V
DD + 0.3 V
Digital Output Voltage to GND
−0.3 V to V
DD + 0.3 V
Operating Temperature Range1
−40°C to +150°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
6-Lead SOT-23 (RJ-6)
Power Dissipation2
W
MAX = (TJ max − TA
3)/θ
JA
Thermal Impedance
θ
JA, Junction-to-Ambient
(Still Air)
190.4°C/W
8-Lead MSOP (RM-8)
Power Dissipation2
W
MAX = (TJ max − TA
3)/θ
JA
Thermal Impedance4
θ
JA, Junction-to-Ambient
(Still Air)
205.9°C/W
θ
JC, Junction-to-Case
43.74°C/W
IR Reflow Soldering
Peak Temperature
220°C (0°C/5°C)
Time at Peak Temperature
10 sec to 20 sec
Ramp-Up Rate
3°C/s max
Ramp-Down Rate
−6°C/s max
Time 25°C to Peak Temperature
6 minutes max
IR Reflow Soldering—Pb-Free Package
Peak Temperature
260°C (0°C)
Time at Peak Temperature
20 sec to 40 sec
Ramp-Up Rate
3°C/s max
Ramp-Down Rate
−6°C/s max
Time 25°C to Peak Temperature
8 minutes max
1 It is not recommended to operate the ADT7301 at temperatures above
125°C for greater than a total of 5% (5,000 hours) of the lifetime of the
device. Any exposure beyond this limit affects device reliability.
2 Values relate to the package being used on a standard 2-layer PCB. Refer
to Figure 3 for a plot of maximum power dissipation vs. ambient
temperature (TA).
3 T
A = ambient temperature.
4 Junction-to-case resistance is applicable to components featuring a
preferential flow direction, for example, components mounted on a heat
sink. Junction-to-ambient resistance is more useful for air-cooled,
PCB-mounted components.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
TEMPERATURE (
°C)
1.2
1.0
0.8
0.6
0.4
0.2
0
SOT-23
MSOP
Figure 3. Plot of Maximum Power Dissipation vs. Temperature
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com