Electronic Components Datasheet Search
  English  ▼

X  

ADT7301 Datasheet(PDF) 8 Page - Analog Devices

Part # ADT7301
Description  13-Bit, Digital Temperature Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7301 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADT7301 Datasheet HTML 4Page - Analog Devices ADT7301 Datasheet HTML 5Page - Analog Devices ADT7301 Datasheet HTML 6Page - Analog Devices ADT7301 Datasheet HTML 7Page - Analog Devices ADT7301 Datasheet HTML 8Page - Analog Devices ADT7301 Datasheet HTML 9Page - Analog Devices ADT7301 Datasheet HTML 10Page - Analog Devices ADT7301 Datasheet HTML 11Page - Analog Devices ADT7301 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ADT7301
Rev. B | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
215
210
205
195
190
185
200
180
170
175
–45
5
55
105
155
5.5V
3.3V
Figure 6. Average Operating Supply Current vs. Temperature
SUPPLY VOLTAGE (V)
205
200
190
185
195
175
180
2.5
3.0
3.5
5.0
4.0
4.5
5.5
6.0
Figure 7. Average Operating Supply Current vs. Supply Voltage @ 30°C
SUPPLY VOLTAGE (V)
500
450
250
300
200
150
350
400
0
100
50
2.5
3.0
3.5
5.0
4.0
4.5
5.5
6.0
Figure 8. Shutdown Current vs. Supply Voltage @ 30°C
FREQUENCY (Hz)
20
5
0
10
15
–10
–5
10k
100k
1M
10M
100M
250mV p-p RIPPLE @ VDD = 5V
Figure 9. Temperature Accuracy vs. Supply Ripple Frequency
TIME (SEC)
140
60
80
40
100
120
0
20
0
10
5
15
25
20
40
35
30
45
50
Figure 10. Response to Thermal Shock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com