Electronic Components Datasheet Search
  English  ▼

X  

ADT7410 Datasheet(PDF) 17 Page - Analog Devices

Part # ADT7410
Description  16-Bit Digital I2C Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7410 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADT7410 Datasheet HTML 13Page - Analog Devices ADT7410 Datasheet HTML 14Page - Analog Devices ADT7410 Datasheet HTML 15Page - Analog Devices ADT7410 Datasheet HTML 16Page - Analog Devices ADT7410 Datasheet HTML 17Page - Analog Devices ADT7410 Datasheet HTML 18Page - Analog Devices ADT7410 Datasheet HTML 19Page - Analog Devices ADT7410 Datasheet HTML 20Page - Analog Devices ADT7410 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
ADT7410
Data Sheet
Rev. C | Page 16 of 24
THYST SETPOINT REGISTER
This 8-bit read/write register stores the temperature hysteresis
value for the THIGH, TLOW, and TCRIT temperature limits. The
temperature hysteresis value is stored in straight binary format
using four LSBs. Increments are possible in steps of 1°C from
0°C to 15°C. The value in this register is subtracted from the
THIGH and TCRIT values and added to the TLOW value to implement
hysteresis.
ID REGISTER
This 8-bit read-only register stores the manufacturer ID in Bit 3
to Bit 7 and the silicon revision in Bit 0 to Bit 2.
Table 18. THYST Setpoint Register (Register Address 0x0A)
Bit
Default Value
Type
Name
Description
[3:0]
0101
R/W
THYST
Hysteresis value, from 0°C to 15°C. Stored in straight binary format. The default setting is 5°C.
[7:4]
0000
R/W
N/A
Not used.
Table 19. ID Register (Register Address 0x0B)
Bit
Default Value
Type
Name
Description
[2:0]
XXX
R
Revision ID
Contains the silicon revision identification number
[7:3]
11001
R
Manufacture ID
Contains the manufacturer identification number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com