Electronic Components Datasheet Search
  English  ▼

X  

ADT7410 Datasheet(PDF) 22 Page - Analog Devices

Part # ADT7410
Description  16-Bit Digital I2C Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7410 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADT7410 Datasheet HTML 17Page - Analog Devices ADT7410 Datasheet HTML 18Page - Analog Devices ADT7410 Datasheet HTML 19Page - Analog Devices ADT7410 Datasheet HTML 20Page - Analog Devices ADT7410 Datasheet HTML 21Page - Analog Devices ADT7410 Datasheet HTML 22Page - Analog Devices ADT7410 Datasheet HTML 23Page - Analog Devices ADT7410 Datasheet HTML 24Page - Analog Devices ADT7410 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Data Sheet
ADT7410
Rev. C | Page 21 of 24
INT AND CT OUTPUTS
The INT and CT pins are open-drain outputs, and both pins
require a 10 kΩ pull-up resistor to VDD.
UNDERTEMPERATURE AND OVERTEMPERATURE
DETECTION
The INT and CT pins have two undertemperature/
overtemperature modes: comparator mode and interrupt mode.
The interrupt mode is the default power-up overtemperature
mode. The INT output pin becomes active when the temperature
is greater than the temperature stored in the THIGH setpoint register
or less than the temperature stored in the TLOW setpoint register.
How this pin reacts after this event depends on the overtemper-
ature mode selected.
Figure 19 illustrates the comparator and interrupt modes for
events exceeding the THIGH limit with both pin polarity settings.
Figure 20 illustrates the comparator and interrupt modes for
events exceeding the TLOW limit with both pin polarity settings.
Comparator Mode
In comparator mode, the INT pin returns to its inactive status
when the temperature drops below the THIGH − THYST limit or
rises above the TLOW + THYST limit.
Putting the ADT7410 into shutdown mode does not reset the
INT state in comparator mode.
Interrupt Mode
In interrupt mode, the INT pin only goes inactive when the
ADT7410 register is read, that is, independently, when the
temperature has recovered and gotten back to within the limits
before Point C, as shown in Figure 20. when the INT pin is
reset, it only goes active again when the temperature goes from
an overtemperature/undertemperature condition back to
a temperature within the limits or vice versa.
As shown in Figure 19, the INT pin goes active when the
temperature rises beyond the THIGH limit and resets the next
time any register is read. When reset, it does not go active again
until temperatures decrease back to below THIGH − THYST (Point A),
and when reset, it goes active again when the THIGH/TLOW is
exceeded (Point B).
TEMPERATURE
82°C
81°C
80°C
79°C
78°C
77°C
76°C
75°C
74°C
73°C
INT PIN
(COMPARATOR MODE)
POLARITY = ACTIVE LOW
INT PIN
(INTERRUPT MODE)
POLARITY = ACTIVE LOW
INT PIN
(INTERRUPT MODE)
POLARITY = ACTIVE HIGH
INT PIN
(COMPARATOR MODE)
POLARITY = ACTIVE HIGH
T
HIGH
T
HIGH – THYST
TIME
READ
READ
READ
A
B
Figure 19. INT Output Temperature Response Diagram for THIGH Overtemperature Events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com