Electronic Components Datasheet Search
  English  ▼

X  

ADT7470 Datasheet(PDF) 9 Page - Analog Devices

Part # ADT7470
Description  Temperature Sensor Hub and Fan Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7470 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADT7470 Datasheet HTML 5Page - Analog Devices ADT7470 Datasheet HTML 6Page - Analog Devices ADT7470 Datasheet HTML 7Page - Analog Devices ADT7470 Datasheet HTML 8Page - Analog Devices ADT7470 Datasheet HTML 9Page - Analog Devices ADT7470 Datasheet HTML 10Page - Analog Devices ADT7470 Datasheet HTML 11Page - Analog Devices ADT7470 Datasheet HTML 12Page - Analog Devices ADT7470 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
ADT7470
Data Sheet
Rev. E | Page 8 of 40
GENERAL-PURPOSE I/O PINS (OPEN DRAIN)
The ADT7470 has four pins that can be configured as either general-purpose logic pins or as PWM outputs. Each GPIO pin has a
corresponding enable, direction, polarity and status bit.
Pin
Function
Register Address and Bit
GPIO1
Enable
0x7F [3]
Direction
0x80 [7]
Polarity
0x80 [6]
Status
0x81 [4]
GPIO2
Enable
0x7F [2]
Direction
0x80 [5]
Polarity
0x80 [4]
Status
0x81 [5]
GPIO3
Enable
0x7F [1]
Direction
0x80 [3]
Polarity
0x80 [2]
Status
0x81 [6]
GPIO4
Enable
0x7F [0]
Direction
0x80 [1]
Polarity
0x80 [0]
Status
0x81 [7]
To enable the PWM output on the ADT7470 as GPIOs, the enable bits in Register 0x7F must be set to 1.
Setting a direction bit to 1 in the GPIO configuration register makes the corresponding GPIO pin an output. Clearing the direction bit to
0 makes it an input.
Setting a polarity bit to 1 makes the corresponding GPIO pin active high. Clearing the polarity bit to 0 makes it active low.
When a GPIO pin is configured as an input, the corresponding bit in the GPIO status register is read-only and is set when the input is
asserted. When a GPIO pin is configured as an output, the corresponding bit in one of the GPIO status registers becomes read/write.
Setting this bit asserts the GPIO output. Note that whether a GPIO pin is configured as an input or as an output, asserted can be high or
low, depending on the setting of the polarity bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com