Electronic Components Datasheet Search
  English  ▼

X  

ADT7470 Datasheet(PDF) 33 Page - Analog Devices

Part # ADT7470
Description  Temperature Sensor Hub and Fan Controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7470 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADT7470 Datasheet HTML 29Page - Analog Devices ADT7470 Datasheet HTML 30Page - Analog Devices ADT7470 Datasheet HTML 31Page - Analog Devices ADT7470 Datasheet HTML 32Page - Analog Devices ADT7470 Datasheet HTML 33Page - Analog Devices ADT7470 Datasheet HTML 34Page - Analog Devices ADT7470 Datasheet HTML 35Page - Analog Devices ADT7470 Datasheet HTML 36Page - Analog Devices ADT7470 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
ADT7470
Data Sheet
Rev. E | Page 32 of 40
Table 34. Register 0x43. Fan Pulses per Revolution Register (Power-On Default = 0x55).
Bit Name
Read/Write
Description
[1:0] Fan 1
Read/Write
Sets the number of pulses to be counted when measuring Fan 1 speed.
Can be used to determine fan’s pulses per revolution number for unknown fan type.
Pulses Counted
00 = 1
01 = 2 (default)
10 = 3
11 = 4
[3:2] Fan 2
Read/Write
Sets the number of pulses to be counted when measuring Fan 2 speed.
Can be used to determine fan’s pulses per revolution number for unknown fan type.
Pulses Counted
00 = 1
01 = 2 (default)
10 = 3
11 = 4
[5:4] Fan 3
Read/Write
Sets the number of pulses to be counted when measuring Fan 3 speed.
Can be used to determine fan’s pulses per revolution for unknown fan type.
Pulses Counted
00 = 1
01 = 2 (default)
10 = 3
11 = 4
[7:6] Fan 4
Read/Write
Sets the number of pulses to be counted when measuring Fan 4 speed. Can be used to determine fan’s
pulses per revolution for unknown fan type.
Pulses Counted
00 = 1
01 = 2 (default)
10 = 3
11 = 4
Table 35. Register 0x44 to Register 0x57. Temperature Limit Registers.
Register Address
Read/Write
Description
Power-On Default
0x44
Read/Write
Temperature 1 low limit
0x81
0x45
Read/Write
Temperature 1 high limit
0x7F
0x46
Read/Write
Temperature 2 low limit
0x81
0x47
Read/Write
Temperature 2 high limit
0x7F
0x48
Read/Write
Temperature 3 low limit
0x81
0x49
Read/Write
Temperature 3 high limit
0x7F
0x4A
Read/Write
Temperature 4 low limit
0x81
0x4B
Read/Write
Temperature 4 high limit
0x7F
0x4C
Read/Write
Temperature 5 low limit
0x81
0x4D
Read/Write
Temperature 5 high limit
0x7F
0x4E
Read/Write
Temperature 6 low limit
0x81
0x4F
Read/Write
Temperature 6 high limit
0x7F
0x50
Read/Write
Temperature 7 low limit
0x81
0x51
Read/Write
Temperature 7 high limit
0x7F
0x52
Read/Write
Temperature 8 low limit
0x81
0x53
Read/Write
Temperature 8 high limit
0x7F
0x54
Read/Write
Temperature 9 low limit
0x81
0x55
Read/Write
Temperature 9 high limit
0x7F
0x56
Read/Write
Temperature 10 low limit
0x81
0x57
Read/Write
Temperature 10 high limit
0x7F
Exceeding any of the temperature limits shown in Table 35 by 1°C causes the appropriate status bit to be set in the interrupt status registers.
High limits: An interrupt is generated when a value exceeds its high limit (> comparison).
Low limits: An interrupt is generated when a value is equal to or below its low limit (≤ comparison).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com