Electronic Components Datasheet Search
  English  ▼

X  

COPCJ820 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPCJ820
Description  8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPCJ820 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button COPCJ820 Datasheet HTML 5Page - National Semiconductor (TI) COPCJ820 Datasheet HTML 6Page - National Semiconductor (TI) COPCJ820 Datasheet HTML 7Page - National Semiconductor (TI) COPCJ820 Datasheet HTML 8Page - National Semiconductor (TI) COPCJ820 Datasheet HTML 9Page - National Semiconductor (TI) COPCJ820 Datasheet HTML 10Page - National Semiconductor (TI) COPCJ820 Datasheet HTML 11Page - National Semiconductor (TI) COPCJ820 Datasheet HTML 12Page - National Semiconductor (TI) COPCJ820 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Functional Description (Continued)
Oscillator Circuits
EXTERNAL OSCILLATOR
CKI can be driven by an external clock signal provided it
meets the specified duty cycle rise and fall times and input
levels CKO is available as a general purpose input G7
andor Halt control
CRYSTAL OSCILLATOR
By selecting CKO as a clock output CKI and CKO can be
connected to create a crystal controlled oscillator Table I
shows the component values required for various standard
crystal values
RC OSCILLATOR
By selecting CKI as a single pin oscillator CKI can make a
RC oscillator CKO is available as a general purpose input
andor HALT control Table II shows variation in the oscilla-
tor frequencies as functions of the component (R and C)
values
TLDD11208 – 7
FIGURE 5 Clock Oscillator Configurations
TABLE I Crystal Oscillator Configuration
R1
R2
C1
C2
CKI Freq
Conditions
(kX)(MX)
(pF)
(pF)
(MHz)
0
1
30
30 – 36
10
VCC e 5V
0
1
30
30 – 36
4
VCC e 5V
56
1
100
100 – 156
0455
VCC e 5V
TABLE II RC Oscillator Configuration (Part-To-Part Variation)
R
C
CK1 Freq
Instr Cycle
Conditions
(kX)
(pF)
(MHz)
(ms)
33
82
22 to 27
37 to 46
VCC e 5V
56
100
11 to 13
74 to 90
VCC e 5V
68
100
09 to 11
88 to 108
VCC e 5V
http
www nationalcom
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com