Electronic Components Datasheet Search
  English  ▼

X  

COPCJ820 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPCJ820
Description  8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPCJ820 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COPCJ820 Datasheet HTML 1Page - National Semiconductor (TI) COPCJ820 Datasheet HTML 2Page - National Semiconductor (TI) COPCJ820 Datasheet HTML 3Page - National Semiconductor (TI) COPCJ820 Datasheet HTML 4Page - National Semiconductor (TI) COPCJ820 Datasheet HTML 5Page - National Semiconductor (TI) COPCJ820 Datasheet HTML 6Page - National Semiconductor (TI) COPCJ820 Datasheet HTML 7Page - National Semiconductor (TI) COPCJ820 Datasheet HTML 8Page - National Semiconductor (TI) COPCJ820 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TLDD11208
September 1996
COP820CJCOP822CJCOP823CJ 8-Bit Microcontroller
with Multi-Input Wake Up and Brown Out Detector
General Description
The COP820CJ is a member of the COP8TM 8-bit Microcon-
troller family It is a fully static Microcontroller fabricated
using double-metal silicon gate microCMOS technology
This low cost Microcontroller is a complete microcomputer
containing all system timing interrupt logic ROM RAM and
IO necessary to implement dedicated control functions in a
variety of applications Features include an 8-bit memory
mapped architecture MICROWIRETM serial IO a 16-bit
timercounter with capture register a multi-sourced inter-
rupt Comparator WATCHDOGTM Timer ModulatorTimer
Brown out protection and Multi-Input Wakeup Each IO pin
has software selectable options to adapt the device to the
specific application The device operates over a voltage
range of 25V to 60V High throughput is achieved with an
efficient regular instruction set operating at a 1 ms per in-
struction rate
Key Features
Y
Multi-Input Wake Up (on the 8-bit Port L)
Y
Brown out detector
Y
Analog comparator
Y
Modulatortimer (High speed PWM for IR transmission)
Y
16-bit multi-function timer supporting
PWM mode
External event counter mode
Input capture mode
Y
1024 bytes of ROM
Y
64 bytes of RAM
IO Features
Y
Memory mapped IO
Y
Software selectable IO options (TRI-STATE
output
push-pull output weak pull-up input high impedance
input)
Y
High current outputs (8 pins)
Y
Schmitt trigger inputs on Port G
Y
MICROWIREPLUSTM serial IO
Y
Packages
16 SO with 12 IO pins
20 DIPSO with 16 IO pins
28 DIPSO with 24 IO pins
CPUInstruction Set Feature
Y
1 ms instruction cycle time
Y
Three multi-source vectored interrupts servicing
External interrupt with selectable edge
Timer interrupt
Software interrupt
Y
Versatile and easy to use instruction set
Y
8-bit Stack Pointer (SP)stack in RAM
Y
Two 8-bit register indirect data memory pointers (B X)
Fully Static CMOS
Y
Low current drain (typically k 1 mA)
Y
Single supply operation 25V to 60V
Y
Temperature range b40 Cto a85 C
Development Support
Y
Emulation and OTP devices
Y
Real time emulation and full program debug offered by
MetaLink Development System
Block Diagram
TLDD11208 – 1
FIGURE 1 Block Diagram
TRI-STATE
is a registered trademark of National Semiconductor Corporation
COP8TM Microcontrollers MICROWIRETM MICROWIREPLUSTM and WATCHDOGTM are trademarks of National Semiconductor Corporation
iceMASTERTM is a trademark of MetaLink Corporation
C1996 National Semiconductor Corporation
RRD-B30M106Printed in U S A
http
www nationalcom


Similar Part No. - COPCJ820

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPCJ820 NSC-COPCJ820 Datasheet
497Kb / 35P
8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
COPCJ820-XXX/M NSC-COPCJ820-XXX/M Datasheet
497Kb / 35P
8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
COPCJ820-XXX/N NSC-COPCJ820-XXX/N Datasheet
497Kb / 35P
8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
More results

Similar Description - COPCJ820

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP820CJ NSC-COP820CJ Datasheet
497Kb / 35P
8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
logo
ATMEL Corporation
T89C5121 ATMEL-T89C5121 Datasheet
800Kb / 110P
8-bit Microcontroller with Multi protocol SMART Card Interface
logo
National Semiconductor ...
COP884CG NSC-COP884CG Datasheet
482Kb / 42P
8-Bit Microcontroller with UART and Three Multi-Function Timers
COPEG888 NSC-COPEG888 Datasheet
550Kb / 48P
8-Bit Microcontroller with UART and Three Multi-Function Timers
COP840CJ NSC-COP840CJ Datasheet
479Kb / 36P
8-Bit Microcontrollers with Multi-Input Wake-Up and Brown Out Detector
COPCH823CJ NSC-COPCH823CJ Datasheet
425Kb / 32P
8-bit Microcontroller with with Multi-Input Wake Up and Brown Detecter
logo
ATMEL Corporation
T83C5121 ATMEL-T83C5121_03 Datasheet
817Kb / 108P
8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
logo
Infineon Technologies A...
ICE2PCS04 INFINEON-ICE2PCS04 Datasheet
507Kb / 19P
Standalone PFC Controller in CCM with Input Brown-Out Protection
Version 2.0, 10 Oct 2007
logo
SINOWEALTH Electronic L...
SH79F3218 SINOWEALTH-SH79F3218 Datasheet
1Mb / 143P
8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM
V2.2
logo
Monolithic Power System...
MA780 MPS-MA780 Datasheet
1Mb / 32P
8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
Rev. 1.2 8/30/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com