Electronic Components Datasheet Search
  English  ▼

X  

COP820CJ Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP820CJ
Description  8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP820CJ Datasheet(HTML) 3 Page - National Semiconductor (TI)

  COP820CJ Datasheet HTML 1Page - National Semiconductor (TI) COP820CJ Datasheet HTML 2Page - National Semiconductor (TI) COP820CJ Datasheet HTML 3Page - National Semiconductor (TI) COP820CJ Datasheet HTML 4Page - National Semiconductor (TI) COP820CJ Datasheet HTML 5Page - National Semiconductor (TI) COP820CJ Datasheet HTML 6Page - National Semiconductor (TI) COP820CJ Datasheet HTML 7Page - National Semiconductor (TI) COP820CJ Datasheet HTML 8Page - National Semiconductor (TI) COP820CJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
DC Electrical Characteristics b40 C s TA s a85 C unless otherwise specified (Continued)
Parameter
Conditions
Min
Typ
Max
Units
Maximum Input Current
Room Temperature
g
100
mA
without Latchup (Note 4)
RAM Retention Voltage Vr
500 ns Rise and
20
V
Fall Time (Min)
Input Capacitance
7pF
Load Capacitance on D2
1000
pF
Note 1
Rate of voltage change must be less than 10 VmS
Note 2
Supply current is measured after running 2000 cycles with a square wave CKI input CKO open inputs at rails and outputs open
Note 3
The HALT mode will stop CKI from oscillating in the RC and crystal configurations HALT test conditions L and G0G5 ports configured as outputs and set
high The D port set to zero All inputs tied to VCC The comparator and the Brown Out circuits are disabled
Note 4
Pins G6 and RESET are designed with a high voltage input network These pins allow input voltages greater than VCC and the pins will have sink current to
VCC when biased at voltages greater than VCC (the pins do not have source current when biased at a voltage below VCC) The effective resistance to VCC is 750X
(typical) These two pins will not latch up The voltage at the pins must be limited to less than 14V
AC Electrical Characteristics b40 C s TA s a85 C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (tc)
CrystalResonator
45V s VCC s 60V
1
DC
m
s
25V s VCC s 45V
25
DC
m
s
RC Oscillator
45V s VCC s 60V
3
DC
m
s
25V s VCC s 45V
75
DC
m
s
VCC Rise Time when Using Brown Out
VCC e 0V to 6V
50
m
s
Frequency at Brown Out Reset
4
MHz
CKI Frequency For Modular Output
4
MHz
CKI Clock Duty Cycle (Note 5)
fr e Max
40
60
%
Rise Time (Note 5)
fr e 10 MHz ext Clock
12
ns
Fall Time (Note 5)
fr e 10 MHz ext Clock
8
ns
Inputs
tSetup
45V s VCC s 60V
200
ns
25V s VCC s 45V
500
ns
tHold
45V s VCC s 60V
60
ns
25V s VCC s 45V
150
ns
Output Propagation Delay
RL e 22k CL e 100 pF
tPD1 tPD0
SO SK
45V s VCC s 60V
07
m
s
25V s VCC s 45V
175
m
s
All Others
45V s VCC s 60V
1
m
s
25V s VCC s 45V
5
m
s
Input Pulse Width
Interrupt Input High Time
1
tc
Interrupt Input Low Time
1
tc
Timer Input High Time
1
tc
Timer Input Low Time
1
tc
MICROWIRE Setup Time (tmWS)20
ns
MICROWIRE Hold Time (tmWH)56
ns
MICROWIRE Output
220
ns
Propagation Delay (tmPD)
Reset Pulse Width
10
m
s
Note 5
Parameter characterized but not production tested
http
www nationalcom
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com