Electronic Components Datasheet Search
  English  ▼

X  

COP820CJ Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP820CJ
Description  8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP820CJ Datasheet(HTML) 2 Page - National Semiconductor (TI)

  COP820CJ Datasheet HTML 1Page - National Semiconductor (TI) COP820CJ Datasheet HTML 2Page - National Semiconductor (TI) COP820CJ Datasheet HTML 3Page - National Semiconductor (TI) COP820CJ Datasheet HTML 4Page - National Semiconductor (TI) COP820CJ Datasheet HTML 5Page - National Semiconductor (TI) COP820CJ Datasheet HTML 6Page - National Semiconductor (TI) COP820CJ Datasheet HTML 7Page - National Semiconductor (TI) COP820CJ Datasheet HTML 8Page - National Semiconductor (TI) COP820CJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
COP820CJCOP822CJCOP823CJ
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
70V
Voltage at any Pin
b
03V to VCC a 03V
Total Current into VCC pin (Source)
80 mA
Total Current out of GND pin (sink)
80 mA
Storage Temperature Range
b
65 Cto a150 C
Note
Absolute maximum ratings indicate limits beyond
which damage to the device may occur
DC and AC electrical specifications are not ensured when
operating the device at absolute maximum ratings
DC Electrical Characteristics b40 C s TA s a85 C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
Brown Out Disabled
25
60
V
Power Supply Ripple 1 (Note 1)
Peak to Peak
01 VCC
V
Supply Current (Note 2)
CKI e 10 MHz
VCC e 6V tc e 1 ms
60
mA
CKI e 4 MHz
VCC e 6V tc e 25 ms
35
mA
CKI e 4 MHz
VCC e 40V tc e 25 ms
20
mA
CKI e 1 MHz
VCC e 40V tc e 10 ms
15
mA
HALT Current with Brown Out
VCC e 6V CKI e 0 MHz
k
110
m
A
Disbled (Note 3)
HALT Current with Brown Out
VCC e 6V CKI e 0 MHz
k
50
110
m
A
Enabled
Brown Out Trip Level
18
31
42
V
(Brown Out Enabled)
INPUT LEVELS (VIH VIL)
Reset CKI
Logic High
08 VCC
V
Logic Low
02 VCC
V
All Other Inputs
Logic High
07 VCC
V
Logic Low
02 VCC
V
Hi-Z Input Leakage
VCC e 60V
b
2
a
2
m
A
Input Pullup Current
VCC e 60V VIN e 0V
b
40
b
250
m
A
L- and G-Port Hysteresis (Note 5)
035 VCC
V
Output Current Levels
D Outputs
Source
VCC e 45V VOH e 38V
b
04
mA
VCC e 25V VOH e 18V
b
02
mA
Sink
VCC e 45V VOL e 10V
10
mA
VCC e 25V VOH e 04V
2
mA
L4 – L7 Output Sink
VCC e 45V VOL e 25V
15
mA
All Others
Source (Weak Pull-up Mode)
VCC e 45V VOH e 32V
b
10
b
110
m
A
VCC e 25V VOH e 18V
b
25
b
33
m
A
Source (Push-pull Mode)
VCC e 45V VOH e 38V
b
04
mA
VCC e 25V VOH e 18V
b
02
mA
Sink (Push-pull Mode)
VCC e 45V VOL e 04V
16
mA
VCC e 25V VOL e 04V
07
mA
TRI-STATE Leakage
b
20
a
20
m
A
Allowable SinkSource
Current Per Pin
D Outputs
15
mA
L4 – L7 (Sink)
20
mA
All Others
3mA
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com