Electronic Components Datasheet Search
  English  ▼

X  

RKZ3 Datasheet(PDF) 1 Page - Recom International Power

Part # RKZ3
Description  3 Watt SIP7 Single Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKZ3 Datasheet(HTML) 1 Page - Recom International Power

  RKZ3 Datasheet HTML 1Page - Recom International Power RKZ3 Datasheet HTML 2Page - Recom International Power RKZ3 Datasheet HTML 3Page - Recom International Power RKZ3 Datasheet HTML 4Page - Recom International Power RKZ3 Datasheet HTML 5Page - Recom International Power RKZ3 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ECO-1
REV.: 2/2017
www.recom-power.com
3 Watt
SIP7
Single Output
DC/DC Converter
Features
Unregulated
Converters
• High power density 3W Converter in SIP7 case
• 3kVDC and 4kVDC Isolation Options
• Efficiency to 90%
• Certified to IEC/EN62368
RKZ3
Description
The RKZ3 series of 3W high isolation DC/DC converters are suitable for demanding industrial
applications such as bus isolators, breaking ground loops or separating multi-channel inputs
which require more power than currently available in standard SIP7 isolated DC/DC converters.
The RKZ3 converters are pin-compatible with the RK and RKZ converter series, offering a simple way to
upgrade an existing high isolation design from 1W or 2W up to 3W. The converters are safety certified
to IEC/EN62368.
3 YEAR
warranty
3
Selection Guide
Part
nom. Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage
Voltage
Current
typ. (1)
Load (2)
[VDC]
[VDC]
[mA]
[%]
[µF]
RKZ3-0505S (3)
5
5
600
85
2000
RKZ3-1205S (3)
12
5
600
84
2000
RKZ3-2405S (3)
24
5
600
86
2000
RKZ3-2412S (3)
24
12
250
90
1000
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Note2: Max Cap Load is tested at nominal input and full resistive load
Model Numbering
nom. Input Voltage
Output Voltage
Isolation (3)
RKZ3-__ __ S/_
IEC/EN62368-1 certified
Notes:
Note3: add suffix “H” for 4kVDC/1second isolation, without suffix standard 3kVDC/1second isolation
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Capacitor
Input Voltage Range
nom. Vin=
5VDC
12VDC
24VDC
4.5VDC
10.8VDC
21.6VDC
5VDC
12VDC
24VDC
5.5VDC
13.2VDC
26.4VDC
continued on next page
Specifications (measured @ ta= 25°C, nom. Vin, full load unless otherwise specified)


Similar Part No. - RKZ3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ3.0AKU RENESAS-RKZ3.0AKU Datasheet
110Kb / 7P
Silicon Planar Zener Diode for Stabilized Power Supply
RKZ3.0B2KJ RENESAS-RKZ3.0B2KJ Datasheet
66Kb / 7P
Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ3.0BKU RENESAS-RKZ3.0BKU Datasheet
110Kb / 7P
Silicon Planar Zener Diode for Stabilized Power Supply
RKZ3.3AKU RENESAS-RKZ3.3AKU Datasheet
110Kb / 7P
Silicon Planar Zener Diode for Stabilized Power Supply
RKZ3.3B2KJ RENESAS-RKZ3.3B2KJ Datasheet
66Kb / 7P
Silicon Planar Zener Diode for Surge Absorption and Stabilizer
More results

Similar Description - RKZ3

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
1 Watt SIP7 SIP7 Single & Dual Output
REZ-053.3S RECOM-REZ-053.3S_06 Datasheet
90Kb / 3P
2 Watt SIP7 Single Output
RE RECOM-RE Datasheet
98Kb / 2P
1 Watt SIP7 Single Output
RB-3.305S-E RECOM-RB-3.305S-E Datasheet
84Kb / 2P
1 Watt SIP7 Single Output
REE-0505S RECOM-REE-0505S_15 Datasheet
83Kb / 2P
1 Watt SIP7 Single Output
REM1 RECOM-REM1 Datasheet
481Kb / 5P
1 Watt SIP7 Single Output
RFB RECOM-RFB Datasheet
381Kb / 4P
1 Watt SIP7 Single Output
RFMM RECOM-RFMM Datasheet
442Kb / 4P
1 Watt SIP7 Single Output
RKK RECOM-RKK Datasheet
618Kb / 4P
1 Watt SIP7 Single Output
REV.: 0/2023
RYK RECOM-RYK Datasheet
752Kb / 5P
1 Watt SIP7 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com