Electronic Components Datasheet Search
  English  ▼

X  

RKZ3 Datasheet(PDF) 2 Page - Recom International Power

Part # RKZ3
Description  3 Watt SIP7 Single Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKZ3 Datasheet(HTML) 2 Page - Recom International Power

  RKZ3 Datasheet HTML 1Page - Recom International Power RKZ3 Datasheet HTML 2Page - Recom International Power RKZ3 Datasheet HTML 3Page - Recom International Power RKZ3 Datasheet HTML 4Page - Recom International Power RKZ3 Datasheet HTML 5Page - Recom International Power RKZ3 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DC/DC Converter
REGULATIONS
Parameter
Condition
Value
Output Accuracy
5Vout
all others
±3.0% typ. / ±4.0% max.
±2.0% typ. / ±3.0% max.
Line Regulation
low line to high line, full load
1.2% typ. @ 1% of Vin
Load Regulation
10% to 100% load
5Vout
all others
15% max.
10% max
continued on next page
Parameter
Condition
Min.
Typ.
Max.
Start-up time
0.3ms
250ms
Rise time
0.3ms
0.5ms
Internal Operating Frequency
20kHz
Minimum Load
0%
Output Ripple and Noise (4)
20MHz BW
100mVp-p
ECO-2
REV.: 2/2017
www.recom-power.com
RKZ3
Series
Specifications (measured @ ta= 25°C, nom. Vin, full load unless otherwise specified)
Tolerance Envelope
RKZ3-0505S
RKZ3-1205S
Notes:
Note4: Measurements are made with a 1.0µF MLCC across output (low ESR)
Efficiency vs. Load
100
90
80
70
60
50
40
30
20
10
0
Load [%]
0
10 20 30
40 50 60
70 80 90 100
0505
1205
2405
2412
+15
10
50
100
+7
-2.5
-4
+4
V Nom.
+Vout and -Vout Load Current [%]
Typical
Load
Line
+15
10
50
100
+6
-3
-4
+4
V Nom.
+Vout and -Vout Load Current [%]
Typical
Load
Line



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com