Electronic Components Datasheet Search
  English  ▼

X  

ISLT1007 Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # ISLT1007
Description  Switching Mode Power Supply
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ISLT1007 Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  ISLT1007 Datasheet HTML 1Page - ISOCOM COMPONENTS ISLT1007 Datasheet HTML 2Page - ISOCOM COMPONENTS ISLT1007 Datasheet HTML 3Page - ISOCOM COMPONENTS ISLT1007 Datasheet HTML 4Page - ISOCOM COMPONENTS ISLT1007 Datasheet HTML 5Page - ISOCOM COMPONENTS ISLT1007 Datasheet HTML 6Page - ISOCOM COMPONENTS ISLT1007 Datasheet HTML 7Page - ISOCOM COMPONENTS ISLT1007 Datasheet HTML 8Page - ISOCOM COMPONENTS ISLT1007 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 02/06/2014
DC93179
ISLT100X
ISOCOM
COMPONENTS
DESCRIPTION
The ISLT100X series optocouplers consists of an
infrared emitting diode optically coupled to an
NPN silicon photo transistor.
These devices belong to Isocom Long Creepage
Range of Optocouplers.
FEATURES
•
Long Creepage 8mm
•
High AC Isolation voltage 5000VRMS
•
CTR Selections Available
•
Wide Operating Temperature Range
-55°C to 110°C
•
Pb Free and RoHS Compliant
•
UL Approval E91231, Model THP
APPLICATIONS
•
Switching Mode Power Supply
•
System Appliances
•
Measuring Instruments
•
Telecommunication Equipments
•
Signal Transmission between Systems of
Different Potentials and Impedances
ORDER INFORMATION
•
Available in Tape and Reel with 3000pcs
per reel
ISOCOM COMPONENTS 2004 LTD
Unit 25B, Park View Road West, Park View Industrial Estate
Hartlepool, Cleveland, TS25 1UD, United Kingdom
Tel: +44 (0)1429 863 609 Fax : +44 (0)1429 863 581
e-mail: sales@isocom.co.uk
http://www.isocom.com
ISOCOM COMPONENTS ASIA LTD
Hong Kong Office,
Block A, 8/F, Wah Hing Industrial mansion,
36 Tai Yau Street, San Po Kong, Kowloon, Hong Kong.
Tel: +852 2995 9217 Fax : +852 8161 6292
e-mail: sales@isocom.com.hk
All dimensions in mm.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Input Diode
Forward Current
60mA
Peak Forward Current (1μs, pulse)
1.5A
Reverse Voltage
6V
Power dissipation
100mW
Output Transistor
Collector to Emitter Voltage VCEO
80V
Emitter to Collector Voltage VECO
7V
Collector Current
50mA
Power Dissipation
150mW
Total Package
Isolation Voltage
5000VRMS
(1 minute, R.H. 40 - 60%)
Total Power Dissipation
250mW
Operating Temperature
-55 to 110 °C
Storage Temperature
-55 to 125 °C
Lead Soldering Temperature (10s)
260°C
1
2
4
3


Similar Part No. - ISLT1007

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ISLT1102 ISOCOM-ISLT1102 Datasheet
453Kb / 4P
ISLT1102 ( Long Creepage )
More results

Similar Description - ISLT1007

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
5JLZ47A TOSHIBA-5JLZ47A_06 Datasheet
238Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATION
20DL2C48A TOSHIBA-20DL2C48A_06 Datasheet
345Kb / 6P
SWITCHING MODE POWER SUPPLY APPLICATION
20DL2CZ47A TOSHIBA-20DL2CZ47A_06 Datasheet
307Kb / 5P
SWITCHING MODE POWER SUPPLY APPLICATION
20FWJ2C48M TOSHIBA-20FWJ2C48M_06 Datasheet
333Kb / 5P
SWITCHING MODE POWER SUPPLY APPLICATION
20FWJ2CZ47M TOSHIBA-20FWJ2CZ47M_06 Datasheet
303Kb / 5P
SWITCHING MODE POWER SUPPLY APPLICATION
30GWJ2C42C TOSHIBA-30GWJ2C42C_06 Datasheet
516Kb / 5P
SWITCHING MODE POWER SUPPLY APPLICATON
30GWJ2C48C TOSHIBA-30GWJ2C48C_06 Datasheet
325Kb / 6P
SWITCHING MODE POWER SUPPLY APPLICATON
30GWJ2CZ47C TOSHIBA-30GWJ2CZ47C_06 Datasheet
335Kb / 5P
SWITCHING MODE POWER SUPPLY APPLICATON
logo
KODENSHI_AUK CORP.
SF10A400HDS KODENSHI-SF10A400HDS Datasheet
344Kb / 4P
Switching mode power supply
logo
ISOCOM COMPONENTS
IS1100 ISOCOM-IS1100 Datasheet
545Kb / 10P
Switching Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com