Electronic Components Datasheet Search
  English  ▼

X  

ISLT1007 Datasheet(PDF) 3 Page - ISOCOM COMPONENTS

Part # ISLT1007
Description  Switching Mode Power Supply
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ISLT1007 Datasheet(HTML) 3 Page - ISOCOM COMPONENTS

  ISLT1007 Datasheet HTML 1Page - ISOCOM COMPONENTS ISLT1007 Datasheet HTML 2Page - ISOCOM COMPONENTS ISLT1007 Datasheet HTML 3Page - ISOCOM COMPONENTS ISLT1007 Datasheet HTML 4Page - ISOCOM COMPONENTS ISLT1007 Datasheet HTML 5Page - ISOCOM COMPONENTS ISLT1007 Datasheet HTML 6Page - ISOCOM COMPONENTS ISLT1007 Datasheet HTML 7Page - ISOCOM COMPONENTS ISLT1007 Datasheet HTML 8Page - ISOCOM COMPONENTS ISLT1007 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 02/06/2014
DC93179
ISLT100X
ISOCOM
COMPONENTS
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
COUPLED
Note 1 : Measured with input leads shorted together and output leads shorted together, R.H 40% to 60%
Parameter
Symbol
Test Condition
Min
Typ.
Max
Unit
Current Transfer Ratio
CTR
IF = 5mA, VCE = 5V
%
ISLT1001
50
600
ISLT1007
80
160
ISLT1008
130
260
ISLT1009
200
400
IF = 10mA, VCE = 5V
ISLT1002
63
125
ISLT1003
100
200
ISLT1004
160
320
ISLT1002
22
ISLT1003
34
ISLT1004
56
Collector-Emitter
Saturation Voltage
VCE(sat)
IF = 10mA, IC = 1mA
0.3
V
Input to Output
Isolation Voltage
VISO
See note 1
5000
VRMS
Input to Output
Isolation Resistance
RISO
VIO= 500V
See note 1
5x1010
Ω
Floating Capacitance
Cf
VF = 0V, f = 1MHz
1.0
pF
Turn On Time
ton
VCE = 2V, Ic = 5mA,
RL = 100Ω
4
µs
Turn Off Time
toff
3
µs
IF = 1mA, VCE = 5V
Output Rise Time
tr
2
18
µs
Output Fall Time
tf
3
18
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com