Electronic Components Datasheet Search
  English  ▼

X  

SE95D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SE95D
Description  Ultra high accuracy digital temperature sensor and thermal WatchdogE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SE95D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SE95D Datasheet HTML 3Page - NXP Semiconductors SE95D Datasheet HTML 4Page - NXP Semiconductors SE95D Datasheet HTML 5Page - NXP Semiconductors SE95D Datasheet HTML 6Page - NXP Semiconductors SE95D Datasheet HTML 7Page - NXP Semiconductors SE95D Datasheet HTML 8Page - NXP Semiconductors SE95D Datasheet HTML 9Page - NXP Semiconductors SE95D Datasheet HTML 10Page - NXP Semiconductors SE95D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Philips Semiconductors
Product data sheet
SE95
Ultra high accuracy digital temperature sensor and
thermal Watchdog
™
2004 Dec 21
7
PERFORMANCE CURVES
SL02150
TEMPERATURE (
°C)
–50
0
25
50
100
125
0
75
–25
5
10
15
20
25
VCC = 2.8 V
VCC = 3.3 V
VCC = 5.5 V
VCC = 3.9 V
Figure 5. Typical shut-down supply current versus
temperature and VCC
SL02152
TEMPERATURE (
°C)
–50
0
25
50
100
125
0
75
–25
50
100
150
200
250
300
VCC = 2.8 V
VCC = 3.3 V
VCC = 3.9 V
VCC = 5.5 V
Figure 6. Typical normal I2C inactive supply current versus
temperature and VCC
SL02151
TEMPERATURE (
°C)
–50
0
25
50
100
125
0
75
–25
50
100
150
200
250
30 Conv./second
300
10 Conv./second
1 Conv./second
0.125 Conv./second
Figure 7. Typical normal I2C inactive supply current versus
temperature and conversion rate (VCC = 3.3 V)
SL02153
TEMPERATURE (
°C)
–50
0
25
50
100
125
0.00
75
–25
0.05
0.10
0.15
0.20
0.25
VCC = 2.8 V
VCC = 3.3 V
VCC = 3.9 V
VCC = 5.5 V
Figure 8. Typical SDA VOL versus temperature and VCC
(IOL = 3 mA)
SL02154
TEMPERATURE (
°C)
–50
0
25
50
100
125
30
75
–25
31
32
33
34
35
Figure 9. Typical conversion time versus temperature
(VCC = 2.8 V to 5.5 V)
SL02155
TEMPERATURE (
°C)
–50
0
25
50
100
125
0.00
75
–25
0.05
0.10
0.15
0.20
0.25
VCC = 2.8 V
VCC = 3.3 V
VCC = 3.9 V
VCC = 5.5 V
Figure 10. Typical OS VOL versus temperature and VCC
(IOL = 3 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com