Electronic Components Datasheet Search
  English  ▼

X  

SE95D Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SE95D
Description  Ultra high accuracy digital temperature sensor and thermal WatchdogE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SE95D Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SE95D Datasheet HTML 12Page - NXP Semiconductors SE95D Datasheet HTML 13Page - NXP Semiconductors SE95D Datasheet HTML 14Page - NXP Semiconductors SE95D Datasheet HTML 15Page - NXP Semiconductors SE95D Datasheet HTML 16Page - NXP Semiconductors SE95D Datasheet HTML 17Page - NXP Semiconductors SE95D Datasheet HTML 18Page - NXP Semiconductors SE95D Datasheet HTML 19Page - NXP Semiconductors SE95D Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Philips Semiconductors
Product data sheet
SE95
Ultra high accuracy digital temperature sensor and
thermal Watchdog
™
2004 Dec 21
19
REVISION HISTORY
Rev
Date
Description
_3
20041221
Product data sheet (9397 750 14388). Supersedes data of 2004 Oct 05 (9397 750 14163).
Modifications:
• ‘Features’ section on page 2,
– 2nd bullet: add “(MSOP8)” as package name variant for TSSOP8
– 3rd bullet: changed from “I2C-bus interface with up to 8 devices on the same bus” to “I2C-bus interface to
400 kHz with up to 8 devices on the same bus”
– 8th bullet: changed from “... from 0
°C to +100 °C” to “... from –25 °C to +100 °C”
– 12th bullet changed from “... 100 V MM per JESD22-A115” to “... 150 V MM per JESD22-A115”
• ‘Absolute maximum ratings’ table on page 4: changed V
esd Machine Model (max.) from ‘100 V’ to ‘150 V’
• ‘DC electrical characteristics’ table on page 5:
– Symbol TACC:
replaced “(assumes a minimum 11-bit temperature reading)” with “(Note 1)”
Conditions for VCC = 2.8 V to 3.6 V:
changed “Tamb = –25 °C to 100 °C” to “Tamb = –25 °C to +100 °C”
changed “Tamb = –55 °C to –125 °C” to “Tamb = –55 °C to +125 °C”
_2
20041005
Objective data sheet (9397 750 14163). Supersedes data of 2003 Oct 02 (9397 750 10265).
_1
20031002
Objective data (9397 750 10265)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com