Electronic Components Datasheet Search
  English  ▼

X  

SN74AVC1T45DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVC1T45DBVT
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC1T45DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AVC1T45DBVT Datasheet HTML 2Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 3Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 4Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 5Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 6Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 7Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 8Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 9Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
SN74AVC1T45
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES530D – DECEMBER 2003 – REVISED NOVEMBER 2005
over recommended operating free-air temperature range, V
CCA = 1.2 V (see Figure 1)
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
tPLH
3.3
2.7
2.4
2.3
2.4
A
B
ns
tPHL
3.3
2.7
2.4
2.3
2.4
tPLH
3.3
3.1
2.9
2.8
2.7
B
A
ns
tPHL
3.3
3.1
2.9
2.8
2.7
tPHZ
5.1
5.2
5.3
5.2
3.7
DIR
A
ns
tPLZ
5.1
5.2
5.3
5.2
3.7
tPHZ
5.3
4.3
4
3.3
3.7
DIR
B
ns
tPLZ
5.3
4.3
4
3.3
3.7
tPZH(1)
8.6
7.3
6.8
6.1
6.4
DIR
A
ns
tPZL(1)
8.6
7.3
6.8
6.1
6.4
tPZH(1)
8.3
7.8
7.7
7.5
5.8
DIR
B
ns
tPZL(1)
8.3
7.8
7.7
7.5
5.8
(1)
The enable time is a calculated value, derived using the formula shown in the enable times section.
over recommended operating free-air temperature range, V
CCA = 1.5 V ± 0.1 V (see Figure 1)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.9
0.7
5.6
0.6
5.2
0.5
4.2
0.5
3.8
A
B
ns
tPHL
2.9
0.7
5.6
0.6
5.2
0.5
4.2
0.5
3.8
tPLH
2.6
0.6
5.5
0.4
5.3
0.3
4.9
0.3
4.8
B
A
ns
tPHL
2.6
0.6
5.5
0.4
5.3
0.3
4.9
0.3
4.8
tPHZ
3.8
1.6
6.7
1.5
6.8
0.3
6.9
0.9
6.9
DIR
A
ns
tPLZ
3.8
1.6
6.7
1.5
6.8
0.3
6.9
0.9
6.9
tPHZ
5.1
1.8
8.1
1.6
7.1
1.1
4.7
1.4
4.5
DIR
B
ns
tPLZ
5.1
1.8
8.1
1.6
7.1
1.1
4.7
1.4
4.5
tPZH(1)
7.7
13.6
12.4
9.6
9.3
DIR
A
ns
tPZL(1)
7.7
13.6
12.4
9.6
9.3
tPZH(1)
6.7
12.3
12
11.1
10.7
DIR
B
ns
tPZL(1)
6.7
12.3
12
11.1
10.7
(1)
The enable time is a calculated value, derived using the formula shown in the enable times section.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com