Electronic Components Datasheet Search
  English  ▼

X  

SN74AVC1T45DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVC1T45DBVT
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC1T45DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AVC1T45DBVT Datasheet HTML 3Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 4Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 5Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 6Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 7Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 8Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 9Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 10Page - Texas Instruments SN74AVC1T45DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
SN74AVC1T45
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES530D – DECEMBER 2003 – REVISED NOVEMBER 2005
over recommended operating free-air temperature range, V
CCA = 1.8 V ± 0.15 V (see Figure 1)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.7
0.6
5.3
0.5
5
0.4
3.9
0.4
3.4
A
B
ns
tPHL
2.7
0.6
5.3
0.5
5
0.4
3.9
0.4
3.4
tPLH
2.3
0.5
5.2
0.4
5
0.3
4.6
0.2
4.4
B
A
ns
tPHL
2.3
0.5
5.2
0.4
5
0.3
4.6
0.2
4.4
tPHZ
3.8
1.6
5.9
1.6
5.9
1.6
5.9
0.5
6
DIR
A
ns
tPLZ
3.8
1.6
5.9
1.6
5.9
1.6
5.9
0.5
6
tPHZ
5
1.8
7.7
1.4
6.8
1
4.4
1.4
5.3
DIR
B
ns
tPLZ
5
1.8
7.7
1.4
6.8
1
4.4
1.4
5.3
tPZH(1)
7.3
12.9
11.8
9
8.7
DIR
A
ns
tPZL(1)
7.3
12.9
11.8
9
8.7
tPZH(1)
6.5
11.2
10.9
9.8
9.4
DIR
B
ns
tPZL(1)
6.5
11.2
10.9
9.8
9.4
(1)
The enable time is a calculated value, derived using the formula shown in the enable times section.
over recommended operating free-air temperature range, V
CCA = 2.5 V ± 0.2 V (see Figure 1)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.6
0.5
4.9
0.4
4.6
0.3
3.4
0.3
3
A
B
ns
tPHL
2.6
0.5
4.9
0.4
4.6
0.3
3.4
0.3
3
tPLH
2.2
0.4
4.2
0.3
3.8
0.2
3.4
0.2
3.3
B
A
ns
tPHL
2.2
0.4
4.2
0.3
3.8
0.2
3.4
0.2
3.3
tPHZ
2.8
0.3
3.8
0.8
3.8
0.4
3.8
0.5
3.8
DIR
A
ns
tPLZ
2.8
0.3
3.8
0.8
3.8
0.4
3.8
0.5
3.8
tPHZ
4.9
2
7.6
1.5
6.5
0.6
4.1
1
4
DIR
B
ns
tPLZ
4.9
2
7.6
1.5
6.5
0.6
4.1
1
4
tPZH(1)
7.1
11.8
10.3
7.5
7.3
DIR
A
ns
tPZL(1)
7.1
11.8
10.3
7.5
7.3
tPZH(1)
5.4
8.6
8.1
7
6.6
DIR
B
ns
tPZL(1)
5.4
8.6
8.1
7
6.6
(1)
The enable time is a calculated value, derived using the formula shown in the enable times section.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com